Electronic Components Datasheet Search
  English  ▼

X  

TAS2780 Datasheet(PDF) 85 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2780
Description  TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2780 Datasheet(HTML) 85 Page - Texas Instruments

Back Button TAS2780 Datasheet HTML 81Page - Texas Instruments TAS2780 Datasheet HTML 82Page - Texas Instruments TAS2780 Datasheet HTML 83Page - Texas Instruments TAS2780 Datasheet HTML 84Page - Texas Instruments TAS2780 Datasheet HTML 85Page - Texas Instruments TAS2780 Datasheet HTML 86Page - Texas Instruments TAS2780 Datasheet HTML 87Page - Texas Instruments TAS2780 Datasheet HTML 88Page - Texas Instruments TAS2780 Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 97 page
background image
11 Power Supply Recommendations
The power sequence between the supply rails can be applied in any order as long as SDZ pin is held low.
Once all supplies are stable the SDZ pin can be set high to initialize the part. After a hardware or software reset
additional commands to the device should be delayed for at least 1 ms to allow the OTP memory to load (see
section Section 10).
When VBAT1S is internally generated (see below Section 11.1) it is recommended that the device enters
Software Shutdown mode before entering Hardware Shutdown mode. This ensures that VBAT1S pin is
discharged using the internal 5 kOhms pull down resistor (not present in Hardware Shutdown mode).
11.1 Power Supply Modes
The TAS2780 can operate with both VBAT1S and PVDD as supplies or with only PVDD or VBAT1S as supply.
The table below shows different power supply modes of operation depending on the customer need.
Table 11-1. Device Configuration and Power Supply Modes
Supply Power Mode
Output
Switching
Mode
Supply
Condition
VBAT1S
Mode
Device
Configurations
Use Case and Device Functionality
PWR_MODE0
High Power on
PVDD
PVDD>VBAT1S
External
VBAT1S_MODE=0
CDS_MODE[1:0]=10
PVDD is the only supply used to deliver
output power.
PWR_MODE1
Y Bridge - High
Power on
VBAT1S
PVDD
External
VBAT1S_MODE=0
CDS_MODE[1:0]=00
VBAT1S is used to deliver output
power based on level and headroom
configured. When audio signal crosses
a programmed threshold Class-D output
is switched over PVDD.
PWR_MODE2
Y Bridge - Low
Power on
VBAT1S
PVDD
Internal
VBAT1S_MODE=1
CDS_MODE[1:0]=11
PVDD is the only supply. VBAT1S is
delivered by an internal LDO and used
to supply at signals close to idle channel
levels. When audio signal levels crosses
-100dBFS (default), Class-D output
switches to PVDD.
PWR_MODE3
VBAT1S
VBAT1S
External
VBAT1S_MODE=0
CDS_MODE[1:0]=01
The device can be forced to work out
of a low power rail mode of operation.
For example this can be used for a low
power ultrasonic chirp when audio is not
played.
When VBAT1S is external (PWR_MODE0, PWR_MODE1), if PVDD falls below (VBAT1S+2.5V) level, the Y-
bridge will stop switching between supplies and will remain on the PVDD supply.
In PWR_MODE2 customer needs to ensure that PVDD supply level is at least 2.5 V above the VBAT1S voltage
generated internally in order to take advantage of Y bridge mode of operation. To enable voltage protection the
under-voltage threshold of PVDD supply should be set above 7.3 V by using register bits PVDD_UVLO[5:0].
This will ensure that, with an internally generated VBAT1S of 4.8 V, PVDD supply is at least 2.5 V higher than
VBAT1S.
www.ti.com
TAS2780
SLOSE75A – FEBRUARY 2022 – REVISED JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
85
Product Folder Links: TAS2780



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com