Electronic Components Datasheet Search
  English  ▼

X  

TAS2780 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2780
Description  TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2780 Datasheet(HTML) 4 Page - Texas Instruments

  TAS2780 Datasheet HTML 1Page - Texas Instruments TAS2780 Datasheet HTML 2Page - Texas Instruments TAS2780 Datasheet HTML 3Page - Texas Instruments TAS2780 Datasheet HTML 4Page - Texas Instruments TAS2780 Datasheet HTML 5Page - Texas Instruments TAS2780 Datasheet HTML 6Page - Texas Instruments TAS2780 Datasheet HTML 7Page - Texas Instruments TAS2780 Datasheet HTML 8Page - Texas Instruments TAS2780 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 97 page
background image
Table 5-1. Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
SDIN
13
I
Serial Data Input.
SDOUT
12
IO
Serial Data Output.
SDZ
22
I
Active low hardware shutdown.
VBAT1S
27
P
Single-cell battery supply input. Decouple with a capacitor.
VSNS_N
1
I
Voltage Sense negative input. Connect to Class-D negative output or after an LC filter.
VSNS_P
5
I
Voltage Sense positive input. Connect to Class-D positive output or after an LC filter.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted) (1)
MIN
MAX
UNIT
Supply Voltage
AVDD
-0.3
2
V
IOVDD
-0.3
5
V
PVDD
-0.3
26
V
VBAT1S
-0.3
6
V
PVDD-VBAT1S
-0.3
22
V
Internal Supply Voltage
DREG
-0.3
1.5
V
IO Voltage(2)
Digital IOs referenced to IOVDD supply
-0.3
5
V
Operating free-air temperature, TA ; Device is functional and reliable, some performance characteristics
may be degraded.
-40
85
°C
Performance free-air temperature, TP ; All performance characteristics are met.
-20
70
°C
Operating junction temperature, TJ
-40
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Section 6.1 can cause permanent damage to the device. These are stress ratings only, which do
not imply functional operation of the device at these or any other conditions beyond those indicated under Section 6.3 . Exposure to
absolute maximum rated conditions for extended periods can affect device reliability.
(2)
All digital inputs and IOs are failsafe.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per ANSI/ESDA/JEDEC JS-002(2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
AVDD
Supply voltage
1.65
1.8
1.95
V
IOVDD
Supply voltage
3
3.3
3.6
V
1.65
1.8
1.95
PVDD
Supply voltage (functional)(1)
3
23
V
Supply voltage (performance)
4.5
23
VBAT1S
Supply voltage (functional)(1)
2.7
5.5
V
Supply voltage (performance)
3.4
5.5
RSPK
Speaker impedance
3.2
Ω
TAS2780
SLOSE75A – FEBRUARY 2022 – REVISED JUNE 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TAS2780



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com