Electronic Components Datasheet Search
  English  ▼

X  

TAS2780 Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2780
Description  TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2780 Datasheet(HTML) 63 Page - Texas Instruments

Back Button TAS2780 Datasheet HTML 59Page - Texas Instruments TAS2780 Datasheet HTML 60Page - Texas Instruments TAS2780 Datasheet HTML 61Page - Texas Instruments TAS2780 Datasheet HTML 62Page - Texas Instruments TAS2780 Datasheet HTML 63Page - Texas Instruments TAS2780 Datasheet HTML 64Page - Texas Instruments TAS2780 Datasheet HTML 65Page - Texas Instruments TAS2780 Datasheet HTML 66Page - Texas Instruments TAS2780 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 97 page
background image
Bit
Field
Type
Reset
Description
4-0
Reserved
R
0h
Reserved
8.9.75 INT_LTCH2 (page=0x00 address=0x4F) [reset=00h]
Bit
Field
Type
Reset
Description
7
IR_TO105
R
0h
Temperature over 105C
0h = No Interrupt
1h = Interrupt
6
IR_TO115
R
0h
Temperature over 115C
0h = No Interrupt
1h = Interrupt
5
IR_TO125
R
0h
Temperature over 125C
0h = No Interrupt
1h = Interrupt
4
IR_TO135
R
0h
Temperature over 135C
0h = No Interrupt
1h = Interrupt
3
IR_LDO_UV
R
0h
Internal VBAT1S LDO Under Voltage
0h = No Interrupt
1h = Interrupt
2
IR_LDO_OV
R
0h
Internal VBAT1S LDO Over Voltage
0h = No Interrupt
1h = Interrupt
1
IR_LDO_OL
R
0h
Internal VBAT1S LDO Over Load
0h = No Interrupt
1h = Interrupt
0
IR_PUVLO
R
0h
PVDD UVLO
0h = No Interrupt
1h = Interrupt
8.9.76 INT_LTCH3 (page=0x00 address=0x50) [reset=00h]
Bit
Field
Type
Reset
Description
7
IR_TDTH2
R
0h
Thermal Detection Threshold 2
0h = No interrupt
1h = Interrupt
6
IR_TDTH1
R
0h
Thermal Detection Threshold 1
0h = No interrupt
1h = Interrupt
5
IR_PVBT
R
0h
Interrupt due to PVDD-VBAT1S going below the threshold
0h = No interrupt
1h = Interrupt
4
IR_BOPA
R
0h
BOP active flag
0h = No interrupt
1h = Interrupt
3
IR_BOPL3A
R
0h
BOP level 3 detected
0h = No interrupt
1h = Interrupt
2
IR_BOPL2A
R
0h
BOP level 2 detected
0h = No interrupt
1h = Interrupt
1
IR_BOPL1A
R
0h
BOP level 1 detected
0h = No interrupt
1h = Interrupt
0
IR_BOPL0A
R
0h
BOP level 0 detected
0h = No interrupt
1h = Interrupt
www.ti.com
TAS2780
SLOSE75A – FEBRUARY 2022 – REVISED JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
63
Product Folder Links: TAS2780



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com