Electronic Components Datasheet Search
  English  ▼

X  

TAS2780 Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2780
Description  TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2780 Datasheet(HTML) 42 Page - Texas Instruments

Back Button TAS2780 Datasheet HTML 38Page - Texas Instruments TAS2780 Datasheet HTML 39Page - Texas Instruments TAS2780 Datasheet HTML 40Page - Texas Instruments TAS2780 Datasheet HTML 41Page - Texas Instruments TAS2780 Datasheet HTML 42Page - Texas Instruments TAS2780 Datasheet HTML 43Page - Texas Instruments TAS2780 Datasheet HTML 44Page - Texas Instruments TAS2780 Datasheet HTML 45Page - Texas Instruments TAS2780 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 97 page
background image
8.9.17 TDM_CFG3 (page=0x00 address=0x0C) [reset=10h]
Bit
Field
Type
Reset
Description
7-4
RX_SLOT_R[3:0]
RW
1h
TDM RX Right Channel Time Slot.
3-0
RX_SLOT_L[3:0]
RW
0h
TDM RX Left Channel Time Slot.
8.9.18 TDM_CFG4 (page=0x00 address=0x0D) [reset=13h]
Bit
Field
Type
Reset
Description
7
TX_KEEPCY
RW
0h
TDM and ICC TX SDOUT LSB data will be driven for full/half
cycles when TX_KEEPEN is enabled
0b = Full-cycle
1b = Half-cycle
6
TX_KEEPLN
RW
0h
TDM and ICC TX SDOUT will hold the bus for the following
when TX_KEEPEN is enabled
0b = 1 LSB cycle
1b = Always
5
TX_KEEPEN
RW
0h
TDM and ICC TX SDOUT bus keeper enable
0b = Disable bus keeper
1b = Enable bus keeper
4
TX_FILL
RW
1h
TDM and ICC TX SDOUT unused bit field fill
0b = Transmit 0
1b = Transmit Hi-Z
3-1
TX_OFFSET[2:0]
RW
1h
TDM TX start of frame to time slot 0 offset
0
TX_EDGE
RW
1h
TDM TX launch clock polarity
0b = Rising edge of SBCLK
1b = Falling edge of SBCLK
8.9.19 TDM_CFG5 (page=0x00 address=0x0E) [reset=42h]
Bit
Field
Type
Reset
Description
7
Reserved
R
0h
Reserved
6
VSNS_TX
RW
1h
TDM TX voltage sense transmit
0b = Disabled
1b = Enabled
5-0
VSNS_SLOT[5:0]
RW
2h
TDM TX voltage sense time slot
8.9.20 TDM_CFG6 (page=0x00 address=0x0F) [reset=40h]
Bit
Field
Type
Reset
Description
7
Reserved
R
0h
Reserved
6
ISNS_TX
RW
1h
TDM TX current sense transmit
0b = Disabled
1b = Enabled
5-0
ISNS_SLOT[5:0]
RW
0h
TDM TX current sense time slot
8.9.21 TDM_CFG7 (page=0x00 address=0x10) [reset=04h]
Bit
Field
Type
Reset
Description
7
VBAT1S_SLEN
RW
0h
TDM TX VBAT1S time slot length
0b = Truncate to 8 bits
1b = Left justify to 16 bits
6
VBAT1S_TX
RW
0h
TDM TX VBAT1S transmit
0b = Disabled
1b = Enabled
5-0
VBAT1S_SLOT[5:0]
RW
4h
TDM TX VBAT1S time slot
TAS2780
SLOSE75A – FEBRUARY 2022 – REVISED JUNE 2022
www.ti.com
42
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TAS2780



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com