Electronic Components Datasheet Search
  English  ▼

X  

TAS2780 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2780
Description  TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2780 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TAS2780 Datasheet HTML 18Page - Texas Instruments TAS2780 Datasheet HTML 19Page - Texas Instruments TAS2780 Datasheet HTML 20Page - Texas Instruments TAS2780 Datasheet HTML 21Page - Texas Instruments TAS2780 Datasheet HTML 22Page - Texas Instruments TAS2780 Datasheet HTML 23Page - Texas Instruments TAS2780 Datasheet HTML 24Page - Texas Instruments TAS2780 Datasheet HTML 25Page - Texas Instruments TAS2780 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 97 page
background image
decoupling capacitor should still be populated as recommended in Table 9-1. In this case, VBAT1S_MODE
bit should be set to high before transitioning from software shutdown. More details about VBAT1S supply modes
of operation can be found in Section 11.1.
8.4.2.5 Low Voltage Signaling (LVS)
The TAS2780 monitors the absolute value of the audio stream.
When the input is initially above the programmed fixed threshold set by LVS_FTH[4:0] register bits, the Class-D
is supplied by the PVDD rail. When the signal level drops below this threshold for longer than the hysteresis time
defined by LVS_HYS[3:0] bits the Class-D supply will switch to VBAT1S (see Figure 8-4).
All values of LVS_HYS[3:0] bit settings will ensure the remaining samples will be output before BYP_EN pin is
asserted (high). When multiple devices have BYP_EN pin connected together, any of the devices requiring a
supply voltage higher than the threshold will pull the open drain output low.
When the signal level crosses above the programmed fixed threshold set by LVS_FTH[4:0] bits the Class-D
supply will switch to PVDD.
The open-drain BYP_EN pin will be de-asserted (actively pulling the output low) after a delay programmed by
the LVS_DLY[1:0] register bits . The Y Bridge will switch from the VBAT1S suppl to the PVDD supply after a
delay programmed by the CDS_DLY[1:0] register bits.
The fixed LVS threshold is set based on the output signal level and is measured in dBFS.
By default, the LVS threshold is configured to be a value relative to the VBAT1S voltage. The LVS_TMODE bit is
set to high and the LVS_RTH[3:0] register bits are set to 3'b010 (0.7 V from VBAT1S).
Figure 8-4. Low Voltage Signaling
The LVS fixed thresholds, when CDS_MODE[1:0]=11 (PWR_MODE2 from Section 11.1), can be set using
register bits LVS_FTH_LOW[1:0]. When CDS_MODE[1:0]=00 (PWR_MODE1 from Section 11.1) the fixed
thresholds should be set with register bits LVS_FTH[4:0].
BOP, Limiter, Thermal Foldback and Thermal Gradient gain attenuations should not be taken into account for
calculating LVS threshold.
8.4.2.6 Y-Bridge
The TAS2780 Class-D output uses a Y-Bridge configuration to improve efficiency during playback. The LVS
(Section 8.4.2.5) is internally used to select between the PVDD and VBAT1S supplies. This feature is enabled by
setting CDS_MODE[1:0] bits to 2'b00 when both PVDD and VBAT1S are supplied externally to the device. In this
case the VBAT1S rail must be capable of delivering power (up to 1 W).
TAS2780
SLOSE75A – FEBRUARY 2022 – REVISED JUNE 2022
www.ti.com
22
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TAS2780



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com