Electronic Components Datasheet Search
  English  ▼

X  

TAS2780 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2780
Description  TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2780 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TAS2780 Datasheet HTML 2Page - Texas Instruments TAS2780 Datasheet HTML 3Page - Texas Instruments TAS2780 Datasheet HTML 4Page - Texas Instruments TAS2780 Datasheet HTML 5Page - Texas Instruments TAS2780 Datasheet HTML 6Page - Texas Instruments TAS2780 Datasheet HTML 7Page - Texas Instruments TAS2780 Datasheet HTML 8Page - Texas Instruments TAS2780 Datasheet HTML 9Page - Texas Instruments TAS2780 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 97 page
background image
TA = 25 °C, PVDD = 18 V, VBAT1S = 3.8 V, AVDD = 1.8V, IOVDD =1.8 V, RL = 4Ω + 15µH, fin = 1 kHz, fs = 48 kHz, Gain = 21
dBV, SDZ = 1, NG_EN=0, EN_LLSR=0, PWR_MODE1(2), measured filter free as in Section 7 (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THD+N
Total Harmonic Distortion and
Noise
POUT = 1 W
-84
dB
POUT = 1 W, fin = 6.667 kHz
-84
IMD
Inter-Modulation Distortion
ITU-R, 19 kHz / 20 kHz, 1: 1: 12.5 W
-83
dB
VN
Idle Channel Noise
A-Weighted, 20 Hz - 20 kHz, PWR_MODE0
40
µV
A-Weighted, 20 Hz - 20 kHz, PWR_MODE2 (3)
34
A-Weighted, 20 Hz - 20k Hz, PWR_MODE1
32
Idle Channel Noise with
Ultrasonic Chirp (100 us duty
cycle, 25 ms period)
A-Weighted, 20 Hz - 20 kHz, VBAT1S = 5 V, PWR_MODE3
(4), 1 VPeak, Register 0x73 set to E0h
34
FPWM
Class-D PWM Switching
Frequency
Average frequency in Spread Spectrum Mode,
CLASSD_SYNC=0
384
kHz
Fixed Frequency Mode, CLASSD_SYNC=0
384
Fixed Frequency Mode, CLASSD_SYNC=1, fs = 44.1, 88.2
kHz
352.8
Fixed Frequency Mode, CLASSD_SYNC=1, fs = 48, 96 kHz
384
VOS
Output Offset Voltage
Idle Mode
-1.3
±0.33
1.3
mV
DNR
Dynamic Range
A-Weighted, -60 dBFS
110
dB
A-Weighted, -60 dBFS, PWR_MODE2
109
A-Weighted, -60 dBFS, PWR_MODE0
109
SNR
Signal to Noise Ratio
A-Weighted, Referenced to 1 % THD+N Output Level
110
dB
A-Weighted, Referenced to 1 % THD+N Output Level,
PWR_MODE2
110
A-Weighted, Referenced to 1 % THD+N Output Level,
PWR_MODE0
109
KCP
Click and Pop Performance
Idle mode, Into and out of Shutdown, A-weighted
0.8
mV
Full Scale Output Voltage
fs ≤ 48 kHz
21
dBV
Minimum Programmable Gain fs ≤ 48 kHz
11
dBV
Maximum Programmable
Gain
fs ≤ 48 kHz
21
Programmable Output Level
Step Size
0.5
dB
Mute attenuation
Device in Software Shutdown or Muted in Normal Operation
108
dB
Chip to Chip Group Delay
-1
1
µs
PVDD Power Supply
Rejection Ratio
PVDD = 18 V + 200 mVpp, fripple = 217 Hz
118
dB
PVDD = 18 V + 200 mVpp, fripple = 1 kHz
110
PVDD = 18 V + 200 mVpp, fripple = 20 kHz
95
VBAT1S Power Supply
Rejection Ratio
VBAT1S = 3.8 V + 200 mVpp, fripple = 217 Hz
114
dB
VBAT1S = 3.8 V + 200 mVpp, fripple = 1 kHz
110
VBAT1S = 3.8 V + 200 mVpp, fripple = 20 kHz
90
AVDD Power Supply
Rejection Ratio
AVDD = 1.8 V + 200 mVpp, fripple = 217 Hz
105
dB
AVDD = 1.8 V + 200 mVpp, fripple = 1 kHz
104
AVDD = 1.8 V + 200 mVpp, fripple = 20 kHz
87
Power Supply Inter-
modulation
PVDD, 217 Hz, 100-mVpp, Input f=1kHz @ 400 mW
-120
dB
VBAT1S,217 Hz, 100-mVpp, Input f=1kHz @ 400 mW
-120
AVDD, 217 Hz, 100-mVpp, Input f = 1 kHz @ 400 mW
-80
IOVDD 217 Hz, 100-mVpp, Input f = 1 kHz @ 400 mW
-120
Turn ON Time from Release
of SW Shutdown
No Volume Ramping
1.12
ms
Volume Ramping
6.7
Turn OFF Time from
Assertion of SW Shutdown to
Amp Hi-Z
No Volume Ramping
0.56
ms
Volume Ramping
6
Out of HW Shutdown to First
I2C command
1
ms
TAS2780
SLOSE75A – FEBRUARY 2022 – REVISED JUNE 2022
www.ti.com
6
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TAS2780



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com