Electronic Components Datasheet Search
  English  ▼

X  

TAS2780 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2780
Description  TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2780 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TAS2780 Datasheet HTML 23Page - Texas Instruments TAS2780 Datasheet HTML 24Page - Texas Instruments TAS2780 Datasheet HTML 25Page - Texas Instruments TAS2780 Datasheet HTML 26Page - Texas Instruments TAS2780 Datasheet HTML 27Page - Texas Instruments TAS2780 Datasheet HTML 28Page - Texas Instruments TAS2780 Datasheet HTML 29Page - Texas Instruments TAS2780 Datasheet HTML 30Page - Texas Instruments TAS2780 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 97 page
background image
the SDOUT pin (TDM bus). If the ICC pin is disabled or used for GPIO functionality, the ICGA (Section 8.4.2.10)
will occur on the TDM bus instead of the ICC pin. Register bits ICC_MODE[2:0] are used to set the ICC pin
functionality.
8.4.2.11 Class-D Settings
8.4.2.11.1 Synchronization
The TAS2780 Class-D amplifier supports spread spectrum PWM modulation, which can be enabled by setting
the AMP_SS register bit high. This can help reduce EMI in the system.
By default the Class-D amplifier switching frequency is based on the device trimmed internal oscillator. To
synchronize switching to the audio sample rate, set the CLASSD_SYNC register bit high. When the Class-D is
synchronized to the audio sample rate, the RAMP_RATE register bit must be set depending on the audio sample
rate of either 44.1 kHz or 48 kHz based frequency.
For 44.1, 88.2 and 176.4 kHz, set RAMP_RATE bit high and for 48, 96 and 192 kHz, set this bit low. This
ensures that the internal ramp generator has the appropriate slope.
8.4.2.11.2 Output Slew Rate Control
The output slew rate can be programmed using register bits EDGE_CTRL[1:0] form page 0x01, register 0x4C.
By default, if PVDD supply is below 20 V the output slew rate will be fast. If PVDD goes above 20 V the slew rate
will be automatically change to slow.
Optionally, to improve EMI performance, is to set the slew rate to slow for the entire range of PVDD supply by
setting the bits EDGE_CTRL[1:0] to 2'b11.
8.4.3 SAR ADC
A SAR ADC monitors PVDD voltage, VBAT1S voltage and die temperature. The results of these conversions are
available via register readback (PVDD_CNV[11:0], VBAT1S_CNV[11:0] and TMP_CNV[7:0] register bits). PVDD
and VBAT1S voltage conversions are also used by the limiter and brown out prevention blocks.
By default, VBAT1S conversion is enabled along with PVDD and temperature in both cases, when BOP source
is VBAT1S (BOP_SRC=0) or BOP source is PVDD (BOP_SRC=1). To disable VBAT1S conversion set the bit
register CONV_VBAT to low.
The ADC runs at a fixed 192 kHz sample rate with a conversion time of 5.2 µs.
Sampling rate for temperature is 10K samples/sec.
PVDD and VBAT1S voltages and the die temperature are calculated using equations from Registers 0x52 to
0x56 of Page 0x00.
The register bits content should always be read from MSB to LSB.
8.4.4 Current and Voltage (IV) Sense
The TAS2780 provides speaker voltage and current sense measurements for real time monitoring of
loudspeaker behavior. The VSNS_P and VSNS_N pins should be connected after any ferrite bead filter or
directly to the OUT_P and OUT_N connections if no EMI filter is used. The V-Sense connections eliminate
voltage drop error due to packaging, PCB interconnect or ferrite bead filter resistance. The V-sense connections
are also used for Post Filter Feed-Back (Section 8.4.5) to correct for any voltage drop induced gain error or
non-linearity due to the ferrite bead. It should be noted that any interconnect resistance after the VSNS terminals
will not be corrected for, so it is advised to connect the VSNS pins as close to the load as possible.
The voltage and current sense ADCs have a DC blocking filter. This filter cut-off frequency can be adjusted, or
the filter can be bypassed using the HPF_FREQ_REC[2:0] register bits.
I-Sense and V-Sense blocks can be powered down by asserting the ISNS_PD and VSNS_PD register bits
respectively. When powered down, the device will return null samples for the powered down block.
www.ti.com
TAS2780
SLOSE75A – FEBRUARY 2022 – REVISED JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: TAS2780



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com