Electronic Components Datasheet Search
  English  ▼

X  

TAS2780 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2780
Description  TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2780 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TAS2780 Datasheet HTML 22Page - Texas Instruments TAS2780 Datasheet HTML 23Page - Texas Instruments TAS2780 Datasheet HTML 24Page - Texas Instruments TAS2780 Datasheet HTML 25Page - Texas Instruments TAS2780 Datasheet HTML 26Page - Texas Instruments TAS2780 Datasheet HTML 27Page - Texas Instruments TAS2780 Datasheet HTML 28Page - Texas Instruments TAS2780 Datasheet HTML 29Page - Texas Instruments TAS2780 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 97 page
background image
A hold condition (infinite or not) for a higher BOP level will not be reached if the supply ramps up faster than the
lower levels release. Specifically, whether the infinite hold for a level is reached or not, it depends on the release
rates of the lower levels, so even if infinite hold is set, it might not be reached.
8.4.2.9 Low Battery Tracking Limiter (LBTL)
The VBAT1S limiter attenuates the channel gain at lower VBAT1S voltages (< 3.2 V) to reduce the maximum
power delivery and prevent thermal shutdown.
Using the SAR measurement on VBAT1S the limiter calculates its gain based on the equation below.
LBTL_GAIN (dBV) = 21dBV + VBLIM_GAIN (dBV)
(3)
If the programmed signal gain (amplifier level and DVC) meets the following condition:
AAMP + ADVC < LBTL_GAIN,
(4)
the LBTL mechanism will not be activated.
The VBLIM_GAIN from equation (3) is dependent on VBAT1S level (see the table below).
Table 8-3. VBLIM_GAIN vs VBAT1S
VBAT1S [V]
VBLIM_GAIN [dBV]
3.2
0
3.1
-0.5
3
-0.75
2.9
-1.2
2.8
-1.56
2.7
-2
The overall gain in the signal chain will be the minimum of gains defined by SPL, BOP and LBTL.
8.4.2.10 Inter Chip Gain Alignment (ICGA)
The TAS2780 supports alignment of STL and brownout BOP dynamics across devices using the dedicated ICC
feature (Section 8.4.2.10.1) or across the TDM output bus (SDOUT). This ensures consistent gain between
channels during limiting or brownout events since these dynamics are dependent on audio content, which can
vary across channels. Each device can be configured to align to a specified number of other devices, which
allows creation of groupings of devices that align only to each other.
STL and BOP activity is optionally transmitted by each device on SDOUT pin or ICC pin in a 24-bit time slot.
When both limiter and brownout are enabled, the data is comprised of an 11-bit word for limiter and a 13-bit
word for brownout data. If only the limiter is enabled, the data will be 12-bit word for limiter data. Gain reduction
should be transmitted in adjacent time slots for all devices that are to be aligned beginning with the first slot that
is specified by the ICGA_SLOT[5:0] register bits. The order of the devices is not important as long as they are
adjacent. The time slot for limiter gain reduction is configured by the GAIN_SLOT[5:0] register bits and enabled
by the GAIN_TX register bit being set high. The ICGA_SEN[7:0] register bits specify which time slots should be
listened to for gain alignment. This allows any number of devices between two and eight to be grouped together.
At least two of these devices should be enabled for alignment to take place.
To enable the inter-chip limiter alignment the ICLA_EN register bit should be set to high. To enable the inter chip
BOP alignment the ICBA_EN register bit should be set to high. All devices should be configured with identical
limiter and brownout prevention settings.
8.4.2.10.1 Inter-Chip Communication (ICC) Pin
The TAS2780 has a dedicated ICC bus pin that enables gain alignment (ICGA) without consuming slots on the
TDM bus. The ICC pin is connected to all TAS2780 devices in the system and slots are configured using register
bits GAIN_SLOT[5:0]. This bus uses the TDM (Section 8.4.1) BCLK and FSYNC inputs and requires all devices
to be configured using the same sampling clock. The ICC pin supports separate bus keeper configuration from
TAS2780
SLOSE75A – FEBRUARY 2022 – REVISED JUNE 2022
www.ti.com
26
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TAS2780



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com