Electronic Components Datasheet Search
  English  ▼

X  

TAS2780 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2780
Description  TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2780 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TAS2780 Datasheet HTML 20Page - Texas Instruments TAS2780 Datasheet HTML 21Page - Texas Instruments TAS2780 Datasheet HTML 22Page - Texas Instruments TAS2780 Datasheet HTML 23Page - Texas Instruments TAS2780 Datasheet HTML 24Page - Texas Instruments TAS2780 Datasheet HTML 25Page - Texas Instruments TAS2780 Datasheet HTML 26Page - Texas Instruments TAS2780 Datasheet HTML 27Page - Texas Instruments TAS2780 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 97 page
background image
limiter inflection point (register bits LIM_INF_PT[31:0]) below the minimum allowable PVDD setting. The limiter
minimum threshold, set by register bits LIM_TH_MIN[31:0], does not impact limiter behavior in this use case.
PVDD (V)
BOP_TH
Brown
Out
LIM_TH_MAX
Figure 8-5. Limiter with Fixed Threshold
PVDD (V)
BOP_TH
Brown
Out
LIM_TH_MAX
slope
LIM_INF_PT
Inflection
Point
Figure 8-6. Limiter with Inflection Point
PVDD (V)
BOP_TH
Brown
Out
LIM_TH_MAX
+ x%
Headroom
- x%
Headroom
1:1
Figure 8-7. Limiter with Dynamic Threshold
PVDD (V)
BOP_TH
Brown
Out
LIM_TH_MAX
slope
LIM_INF_PT
Inflection
Point
LIM_TH_MIN
Figure 8-8. Limiter with Inflection Point and
Minimum Threshold
Figure 8-6 shows how to configure the limiter to track PVDD supply below a certain level without setting a
minimum threshold. Set the LIM_TH_MAX[31:0] register bits to the desired threshold and LIM_INF_PT[31:0]
register bits to the desired inflection point where the limiter will begin reducing the threshold with PVDD. The
LIM_SLOPE[31:0] register bits can be used to change the slope of the limiter tracking with PVDD. The default
value of 1 V/V will reduce the threshold 1 V for every 1 V of drop in PVDD. More aggressive tracking slopes can
be programmed if desired. Program the LIM_TH_MIN[31:0] bits below the minimum PVDD to prevent the limiter
from having a minimum threshold reduction when tracking PVDD supply.
The limiter with a supply tracking slope can be configured in an alternate way. By setting LIM_HR_EN register
bit to high , a headroom can be specified as a percentage of the supply voltage using a 1V/V slope by setting
LIM_DHR[4:0] register bits. For example if a headroom of -10% is specified, the peak output voltage will be set
to be 10% higher than PVDD. In this use case presented in Figure 8-7 the limiting begins for signals above the
supply voltage and will result in a fixed clipping. If a positive headroom of +10% is specified the peak output
voltage will be dynamically set 10% below the current PVDD. In this use case the limiting will begin at signal
levels lower than the supply voltage and will prevent clipping from occurring.
To achieve a limiter that tracks PVDD only up to a minimum threshold, configure the limiter LIM_TH_MAX [31:0]
and LIM_SLOPE[31:0] register bits as in the previous examples. Then, additionally set the LIM_TH_MIN[31:0]
register bits to the desired minimum threshold. Supply voltage below this minimum threshold will not continue to
decrease the signal output voltage. This is shown in Figure 8-8.
By setting register bit LIM_HR_EN to low the limiter mechanism depends on settings for maximum/minimum
thresholds, inflection point and slope. Once this bit is set high the limiter dynamic headroom is enabled.
When a BOP (Brownout Prevention) event occurs the limiter updates can be paused (LIM_PDB register bit set
to high) until the BOP fully releases. This can be used to prevent undesired interactions between both protection
systems.
TAS2780
SLOSE75A – FEBRUARY 2022 – REVISED JUNE 2022
www.ti.com
24
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TAS2780



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com