Electronic Components Datasheet Search
  English  ▼

X  

TAS2780 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2780
Description  TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2780 Datasheet(HTML) 3 Page - Texas Instruments

  TAS2780 Datasheet HTML 1Page - Texas Instruments TAS2780 Datasheet HTML 2Page - Texas Instruments TAS2780 Datasheet HTML 3Page - Texas Instruments TAS2780 Datasheet HTML 4Page - Texas Instruments TAS2780 Datasheet HTML 5Page - Texas Instruments TAS2780 Datasheet HTML 6Page - Texas Instruments TAS2780 Datasheet HTML 7Page - Texas Instruments TAS2780 Datasheet HTML 8Page - Texas Instruments TAS2780 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 97 page
background image
5 Pin Configuration and Functions
Figure 5-1. 30-Pin HR-QFN Package - Bottom View
Table 5-1. Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
ADDR
23
I
Address detect pin. Resistor value at this pin selects the I2C address. See Section 8.3.1.
AVDD
24
P
Analog power input. Connect to 1.8V supply and decouple to GND with a capacitor.
BST_N
30
P
Class-D negative bootstrap. Connect a capacitor between BST_N and OUT_N.
BST_P
4
P
Class-D positive bootstrap. Connect a capacitor between BST_P and OUT_P.
BYP_EN
11
O
Low voltage signaling pin with open drain output. It can be used to enable/disable an
external DC-DC converter.
DGND
25
P
Device substrate ground. Connect to PCB ground plane. Avoid any common routing
inductance between this pin and GND pin.
DREG
10
P
Digital core voltage regulator output. Bypass to GND with a capacitor. Do not connect to
external load.
FSYNC
14
I
Frame Synchronization Clock.
GND
7
P
Analog ground. Connect to PCB ground plane.
ICC
6
IO
Inter-chip communication pin.
IOVDD
20
P
Digital IO power supply. Connect to an 1.8V or a 3.3V supply and decouple with a capacitor
to GND.
IRQZ
21
O
Open drain, active low, interrupt pin. Pull up to IOVDD with resistor if optional internal pull up
is not used.
NC
8, 9, 16, 17
Not Connected.
OUT_N
29
O
Class-D negative output.
OUT_P
3
O
Class-D positive output.
PGND
2
P
Class-D ground. Connect to PCB ground plane.
PVDD
28
P
Class-D power supply input. Decouple with a capacitor.
PVDD_SNS
26
I
PVDD remote sense pin.
SBCLK
15
I
Serial Bit Clock.
SCL
18
I
I2C Clock Pin. Pull up to IOVDD with a resistor.
SDA
19
IO
I2C Data Pin. Pull up to IOVDD with a resistor.
www.ti.com
TAS2780
SLOSE75A – FEBRUARY 2022 – REVISED JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TAS2780



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com