Electronic Components Datasheet Search
  English  ▼

X  

TAS2780 Datasheet(PDF) 72 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2780
Description  TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2780 Datasheet(HTML) 72 Page - Texas Instruments

Back Button TAS2780 Datasheet HTML 68Page - Texas Instruments TAS2780 Datasheet HTML 69Page - Texas Instruments TAS2780 Datasheet HTML 70Page - Texas Instruments TAS2780 Datasheet HTML 71Page - Texas Instruments TAS2780 Datasheet HTML 72Page - Texas Instruments TAS2780 Datasheet HTML 73Page - Texas Instruments TAS2780 Datasheet HTML 74Page - Texas Instruments TAS2780 Datasheet HTML 75Page - Texas Instruments TAS2780 Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 97 page
background image
8.9.119 LIM_TH_MAX1 (page=0x04 address=0x0C) [reset=68h]
Programmable bits to set limiter maximum threshold to a LIM_TH_MAX(V) value.
Bit
Field
Type
Reset
Description
7-0
LIM_TH_MAX[31:24]
RW
68h
dec2hex{256*round [LIM_TH_MAX*2^18]}
8.9.120 LIM_TH_MAX2 (page=0x04 address=0x0D) [reset=00h]
Programmable bits to set limiter maximum threshold to a LIM_TH_MAX(V) value.
Bit
Field
Type
Reset
Description
7-0
LIM_TH_MAX[23:16]
RW
00h
dec2hex{256*round [LIM_TH_MAX*2^18]}
8.9.121 LIM_TH_MAX3 (page=0x04 address=0x0E) [reset=00h]
Programmable bits to set limiter maximum threshold to a LIM_TH_MAX(V) value.
Bit
Field
Type
Reset
Description
7-0
LIM_TH_MAX[15:8]
RW
00h
dec2hex{256*round [LIM_TH_MAX*2^18]}
8.9.122 LIM_TH_MAX4 (page=0x04 address=0x0F) [reset=00h]
Programmable bits to set limiter maximum threshold to a LIM_TH_MAX(V) value.
Bit
Field
Type
Reset
Description
7-0
LIM_TH_MAX[7:0]
RW
00h
dec2hex{256*round [LIM_TH_MAX*2^18]}
8.9.123 LIM_TH_MIN1 (page=0x04 address=0x10) [reset=28h]
Programmable bits to set limiter maximum threshold to a LIM_TH_MIN(V) value.
Bit
Field
Type
Reset
Description
7-0
LIM_TH_MIN[31:24]
RW
28h
dec2hex{256*round [LIM_TH_MIN*2^18]}
8.9.124 LIM_TH_MIN2 (page=0x04 address=0x11) [reset=00h]
Programmable bits to set limiter maximum threshold to a LIM_TH_MIN(V) value.
Bit
Field
Type
Reset
Description
7-0
LIM_TH_MIN[23:16]
RW
00h
dec2hex{256*round [LIM_TH_MIN*2^18]}
8.9.125 LIM_TH_MIN3 (page=0x04 address=0x12) [reset=00h]
Programmable bits to set limiter maximum threshold to a LIM_TH_MIN(V) value.
Bit
Field
Type
Reset
Description
7-0
LIM_TH_MIN[15:8]
RW
00h
dec2hex{256*round [LIM_TH_MIN*2^18]}
8.9.126 LIM_TH_MIN4 (page=0x04 address=0x13) [reset=00h]
Programmable bits to set limiter maximum threshold to a LIM_TH_MIN(V) value.
Bit
Field
Type
Reset
Description
7-0
LIM_TH_MIN[7:0]
RW
0h
dec2hex{256*round [LIM_TH_MIN*2^18]}
8.9.127 LIM_INF_PT1 (page=0x04 address=0x14) [reset=56h]
Programmable bits to set limiter inflection point to a value of LIM_INF_PT(V).Sets limiter inflection point.
TAS2780
SLOSE75A – FEBRUARY 2022 – REVISED JUNE 2022
www.ti.com
72
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TAS2780



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com