Electronic Components Datasheet Search
  English  ▼

X  

TAS2780 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2780
Description  TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2780 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TAS2780 Datasheet HTML 19Page - Texas Instruments TAS2780 Datasheet HTML 20Page - Texas Instruments TAS2780 Datasheet HTML 21Page - Texas Instruments TAS2780 Datasheet HTML 22Page - Texas Instruments TAS2780 Datasheet HTML 23Page - Texas Instruments TAS2780 Datasheet HTML 24Page - Texas Instruments TAS2780 Datasheet HTML 25Page - Texas Instruments TAS2780 Datasheet HTML 26Page - Texas Instruments TAS2780 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 97 page
background image
If not configured to Y-bridge mode the device will use only the selected supply for Class-D output even if
clipping would occur. The device can operate using only PVDD to supply Class-D output. In this configuration the
VBAT1S can be provided from external supply (register bit VBAT1S_MODE=0) or generated by an internal LDO
(register bit VBAT1S_MODE=1). In this case CDS_MODE[1:0] bits should be set to 2'b10.
The TAS2780 Y-Bridge with low power on VBAT1S can be used to switch to the VBAT1S rail only at very
low power when close to idle. This will reduce the Class-D output swing when near idle and limit the current
requirements of the VBAT1S supply. Set the CDS_MODE[1:0] register to 2'b11 for this mode.
See Section 11.1 for details on programming the power mode of operation.
When in Y-Bridge mode, if the PVDD falls below (VBAT1S + 2.5 V) level the Y-bridge will stop switching between
supplies and will remain on the PVDD supply.
8.4.2.7 Noise Gate
The TAS2780 has a noise-gate feature that monitors the input signal and powers down the Class-D when the
signal goes below the set threshold set by NG_LVL[1:0] bits for longer than the time set by NG_HYST[2:0]
register bits. When the signal goes above the threshold the Class-D will re-power in seven samples, before
the samples applied to the audio input interface reach the Class-D bridge. This feature is enabled by setting
NG_EN bit to high. Once enabled it is able to power up and down the channel within the device processing
delay, with no additional external control. Volume ramping can be also used during noise gate operations by
setting NG_DVR_EN bit to low.
The noise gate can be configured with finer resolution at the expense of additional I2C writes. Use NGFR_EN bit
to enable this mode and register bits NGFR_LVL[23:0] to set the fine resolution. The fine resolution hysteresis is
set using NGFR_HYST[18:3] register bits.
8.4.2.8 Supply Tracking Limiter with Brown Out Prevention
The TAS2780 contains a supply tracking limiter to control distortion and brownout prevention to mitigate
brownout events. The gain reduction that occurs due to this block can be aligned across multiple devices
using the Inter Chip Gain Alignment (ICGA) (Section 8.4.2.10) feature. The maximum device attenuation set by
DEV_MAX_ATTN[6:0] register bits can be used to limit the combination of the limiter and brownout attenuation.
The Supply Tracking Limiter (STL) (Section 8.4.2.8.1) and the Brownout Prevention (BOP) (Section 8.4.2.8.2)
are configured independently. The ICGA, if enabled, keeps multiple device gains in sync if the STL and BOP
need to reduce the gain. However, the BOP will take priority in the device. In order to prevent the STL and BOP
from both making simultaneous adjustments to the system, the STL and ICGA will be paused once the BOP
engages, until it fully releases.
The attenuation applied to the device can be selected to be either the sum of the limiter attenuation (ICLA) and
Brownout attenuation (ICBA) or the maximum of the two of them by setting the ICG_MODE register bit.
8.4.2.8.1 Supply Tracking Limiter (STL)
The TAS2780 monitors PVDD supply voltage and the audio signal to automatically decrease gain when the
audio signal peaks exceed a programmable threshold. This helps prevent clipping and extends playback time
through end of charge battery conditions.
The Supply Tracking Limiter feature is enabled by setting the LIM_EN bit register to high.
Configurable attack rate, hold time and release rate are provided to shape the dynamic response of the limiter
(LIM_ATK_RT[3:0], LIM_HLD_TM[2:0] and LIM_RLS_RT [3:0] register bits).
A maximum level of attenuation applied by the limiter is configurable via the LIM_MAX_ATTN[3:0] register bits. If
the limiter mode is attacking and if it reaches the maximum attenuation, gain will not be reduced any further.
The limiter begins reducing gain when the output signal level is greater than the limiter threshold. The limiter
can be configured to track PVDD below a programmable inflection point with a minimum threshold value. Figure
8-5 below shows the limiter configured to limit to a constant level regardless of PVDD level. To achieve this
behavior, set the limiter maximum threshold to the desired level via the LIM_TH_MAX[31:0] register bits. Set the
www.ti.com
TAS2780
SLOSE75A – FEBRUARY 2022 – REVISED JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TAS2780



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com