Electronic Components Datasheet Search
  English  ▼

X  

TAS2780 Datasheet(PDF) 83 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2780
Description  TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2780 Datasheet(HTML) 83 Page - Texas Instruments

Back Button TAS2780 Datasheet HTML 79Page - Texas Instruments TAS2780 Datasheet HTML 80Page - Texas Instruments TAS2780 Datasheet HTML 81Page - Texas Instruments TAS2780 Datasheet HTML 82Page - Texas Instruments TAS2780 Datasheet HTML 83Page - Texas Instruments TAS2780 Datasheet HTML 84Page - Texas Instruments TAS2780 Datasheet HTML 85Page - Texas Instruments TAS2780 Datasheet HTML 86Page - Texas Instruments TAS2780 Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 97 page
background image
w 70 17 C0 #SARBurstMask=0
w 70 19 00 #LSR Mode
w 70 21 00 #Disable Comparator Hysterisis
w 70 35 74 #Noise minimized
w 70 00 FD #Page 0xFD
w 70 0D 0D #Access Page 0xFD
w 70 3E 4A #Optimal Dmin
w 70 0D 00 #Remove access Page 0xFD
w 70 00 00 #Page 0x00
w 70 03 E8 #PWR_MODE2
w 70 04 A1 #Int LDO mode
w 70 71 0E #PVDD UVLO 6.5V
w 70 02 80 #Power up audio playback with I,V enabled
10.4 Initial Device Configuration - PWR_MODE3
The following I2C sequence is an example of initializing the device in PWR_MODE3, for ultrasonic applications.
w 70 00 00 #Page 0x00
w 70 7F 00 #Book 0x00
w 70 01 01 #SW Reset
d 1 #1ms Delay
w 70 0E 44 #TDM tx vsns transmit enable with slot 4
w 70 0F 40 #TDM tx isns transmit enable with slot 0
w 70 00 01 #Page 0x01
w 70 17 C8 #SARBurstMask=0
w 70 19 00 #LSR Mode
w 70 21 00 #Disable Comparator Hysterisis
w 70 00 FD #Page 0xFD
w 70 0D 0D #Access Page 0xFD
w 70 3E 4A #Optimal Dmin
w 70 0D 00 #Remove access Page 0xFD
w 70 00 00 #Page 0x00
w 70 03 68 #PWR_MODE3
w 70 73 E0 #DEM dither disable
w 70 02 00 #Play audio, power up with playback, IV enabled
10.5 Device Configuration - 44.1 kHz
The following I2C sequence is an example of initializing a TAS2780 device into 44.1 kHz sampling rate.
###### Configure Channel
w 70 60 21 # SBLK to Fs ratio = 256 / 8 TDM Slots
w 70 08 39 # 44.1KHz, Auto TDM off, Frame start High to Low
w 70 09 03 # Offset = 1, Sync on BCLK falling edge
w 70 0A 0A # TDM slot by address, Word = 24 bit, Frame = 32 bit
w 70 0C 20 # Right Ch = TDM slot 2, Left Ch = TDM slot 0
w 70 0D 33 # TX bus keeper, Hi-Z, Offset 1, TX on Falling edge
10.6 Over Power Protection - OCP Programming
The following I2C sequence will program the over current protection in the case 2.7V ≤ VBAT1S≤ 2.9V.
w 70 00 FD #
w 70 0D 0D #
w 70 5C C0 #
w 70 3A 7D #
r 70 3B 01 #
#Record the value read from register 3B: XY
w 70 3B XZ # Z=Y-2
w 70 0D 00 #
w 70 00 00 #
www.ti.com
TAS2780
SLOSE75A – FEBRUARY 2022 – REVISED JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
83
Product Folder Links: TAS2780



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com