Electronic Components Datasheet Search
  English  ▼

X  

TAS2780 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2780
Description  TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2780 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TAS2780 Datasheet HTML 16Page - Texas Instruments TAS2780 Datasheet HTML 17Page - Texas Instruments TAS2780 Datasheet HTML 18Page - Texas Instruments TAS2780 Datasheet HTML 19Page - Texas Instruments TAS2780 Datasheet HTML 20Page - Texas Instruments TAS2780 Datasheet HTML 21Page - Texas Instruments TAS2780 Datasheet HTML 22Page - Texas Instruments TAS2780 Datasheet HTML 23Page - Texas Instruments TAS2780 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 97 page
background image
TX_FILL register bit is used in mono systems where there is only one amplifier on I2S bus. All the slots unused
by the amplifier will be filled with zeros when TX_FILL register bit is set to low.
The SDOUT_HIZ registers from page 0x01 are useful when multiple devices are on the same I2S bus. Each
device does not know the configuration of slots in the other devices on the bus. It is required at the system level
to program the SDOUT_HIZ registers appropriately, in such way that the settings are done correctly and do not
create any contention, internally and externally.
Each sample stream is composed of either one or two 8 bit time slots. Speaker voltage sense and speaker
current sense sample streams are 16 bit precision, so they will always utilize two TX time slots. The PVDD and
VBAT1S voltage streams are 10 bit precision, and can either be transmitted left justified in a 16 bit word (using
two time slots) or can be truncated to 8 bits (the top 8 MSBs) and be transmitted in a single time slot. This is
configured by setting PVDD_SLEN and VBAT1S_SLEN register bits. The die temperature and the gain are both
8 bit precision and are transmitted in a single time slot.
The time slot register for each sample stream defines where the MSB transmission begins. By default
VSNS_SLOT[5:0] register bits are set to 2 (decimal), the upper 8 MSBs will be transmitted in time slot 2 and the
lower 8 LSBs will be transmitted in time slot 3. This sample stream can be individually enabled or disabled by
using VSNS_TX register bit. The ISNS_SLOT[5:0] register bits are set by default to 0 (decimal) and the sample
stream can be enabled or disabled by using ISNS_TX register bit. The enable/disable feature of the streams is
useful to manage limited TDM bandwidth since it may not be necessary to transmit all streams for all devices on
the bus.
It is important to ensure that time slot assignments for actively transmitted sample streams do not conflict. This
will avoid producing unpredictable transmission results in the conflicting bit slots (i.e. the priority is not defined).
The current and voltage values are transmitted at the full 16 bit measured values by default. The
IVMON_LEN[1:0] register bits can be used to transmit only the 8 MSB bits in one slot or 12 MSB bits values
across multiple slots. The special 12 bit mode is used when only 24 bit I2S/ TDM data can be processed by the
host processor. The device should be configured with the voltage-sense slot and current-sense slot off by 1 slot
and will consume 3 consecutive 8 bit slots. In this mode the device will transmit the first 12 MSB bits followed by
the second 12 MSB bits specified by the preceding slot.
If time slot selections place transmission beyond the frame boundary, the transmitter will truncate transmission at
the frame boundary.
The time slots for VBAT1S, PVDD and temperature measurements are set using VBAT1S_SLOT[5:0],
PVDD_SLOT[5:0] and TEMP_SLOT[5:0] register bits. To enable each of the sample streams, register bits
VBAT1S_TX, PVDD_TX and TEMP_TX must be set high. The slot length is selected by VBAT1S_SLEN and
PVDD_SLEN register bits.
For TDM final processed audio slot, enable and length settings, use AUDIO_SLOT[5:0], AUDIO_TX and
AUDIO_SLEN register bits.
Information about status of slots can be find in STATUS_SLOT[5:0] register bits. STATUS_TX register bit set
high enables the status transmit.
The slot configuration for the TX limiter gain reduction can be set between 0 (default) and 63 by setting
GAIN_SLOT[5:0] register bits. It is used for ICC (Section 8.4.2.10) and can be either over the TDM bus or ICC
bus. To use this feature, the register bit GAIN_TX needs to be set high.
8.4.2 Playback Signal Path
8.4.2.1 High Pass Filter
Excessive DC and low frequency content in audio playback signal can damage loudspeakers. The
TAS2780 employs a high-pass filter (HPF) to prevent this from occurring for the PCM playback path. The
HPF_FREQ_PB[2:0] register bits set the corner frequencies of HPF. The filter can be bypassed by setting the
register bits to 3'b000.
TAS2780
SLOSE75A – FEBRUARY 2022 – REVISED JUNE 2022
www.ti.com
20
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TAS2780



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com