Electronic Components Datasheet Search
  English  ▼

X  

TAS2780 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2780
Description  TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2780 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TAS2780 Datasheet HTML 4Page - Texas Instruments TAS2780 Datasheet HTML 5Page - Texas Instruments TAS2780 Datasheet HTML 6Page - Texas Instruments TAS2780 Datasheet HTML 7Page - Texas Instruments TAS2780 Datasheet HTML 8Page - Texas Instruments TAS2780 Datasheet HTML 9Page - Texas Instruments TAS2780 Datasheet HTML 10Page - Texas Instruments TAS2780 Datasheet HTML 11Page - Texas Instruments TAS2780 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 97 page
background image
TA = 25 °C, PVDD = 18 V, VBAT1S = 3.8 V, AVDD = 1.8V, IOVDD =1.8 V, RL = 4Ω + 15µH, fin = 1 kHz, fs = 48 kHz, Gain = 21
dBV, SDZ = 1, NG_EN=0, EN_LLSR=0, PWR_MODE1(2), measured filter free as in Section 7 (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PCM PLAYBACK
CHARACTERISTICS fs > 48 kHz
fs
Minimum Sample Rates
88.2
kHz
Maximum Sample Rate
96
Frequency for Passband
Ripple
fs = 96 kHz
0.437
fs
Passband 3db Frequency
fs = 96 kHz
0.459
fs
Passband Ripple
DC to LPF cutoff frequency
-0.5
0.5
dB
Stop Band Attenuation
≥ 0.56 fs
60
dB
≥ 1 fs
65
Group Delay (Including Noise
Gate)
DC to 0.375 fs for 96 kHz, DC blocker disabled
35
1/fs
SPEAKER CURRENT SENSE
Resolution
16
bits
DNR
Dynamic Range
Un-weighted, relative to 0 dBFS.
70
dB
THD+N
Total Harmonic Distortion and
Noise
Pout = 15 W
-64
dB
Full Scale Input Current
Measured at -6 dBFS. Re-scaled at 0 dBFS.
5
A
Differential Mode Gain
0.98
1.02
Frequency Response
20 Hz - 20 kHz
-0.1
0.1
dB
Group Delay
5
1/fs
SPEAKER VOLTAGE SENSE
Resolution
16
bits
DNR
Dynamic Range
Un-Weighted, Relative 0 dBFS
75
dB
THD+N
Total Harmonic Distortion and
Noise
Pout = 15 W
-71
dB
Full Scale Input Voltage
16
VPK
Differential Mode Gain
0.98
1.02
Frequency Response
20 Hz - 20 kHz
-0.1
0.1
dB
Group Delay
5
1/fs
SPEAKER VOLTAGE/CURRENT SENSE RATIO
Gain Linearity
Pout ≥ 40 mW to 0.1% THD+N, using a 40 Hz -40 dBFS
pilot tone, PWR_MODE0 and PWR_MODE1
-1
1
%
Gain error over temperature
-20°C to 70°C, Pout = 1 W
±0.6
%
Phase Error between V and I
300
ns
PROTECTION CIRCUITRY
Brownout Prevention Latency
to First Attack
BOP_SRC=1
19
µs
Thermal Shutdown
Temperature
142
°C
Thermal Shutdown Retry
OTE_RETRY=1
1.5
s
Output Over Current Limit on
PVDD
Output to Output, Output to GND or Output to PVDD Short
5.5
6.6
A
Output Over Current Limit on
VBAT1S
Output to Output, Output to GND or Output to VBAT1S
Short
2
2.6
A
VBAT1S Undervoltage
Lockout Threshold
UVLO is asserted
2
V
UVLO is de-asserted
2.16
AVDD Undervoltage Lockout
Threshold
UVLO is asserted
1.45
V
UVLO is de-asserted
1.51
IOVDD Undervoltage Lockout
Threshold
UVLO is asserted
1.13
V
UVLO is de-asserted
1.25
TAS2780
SLOSE75A – FEBRUARY 2022 – REVISED JUNE 2022
www.ti.com
8
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TAS2780



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com