Electronic Components Datasheet Search
  English  ▼

X  

TAS2780 Datasheet(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2780
Description  TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2780 Datasheet(HTML) 60 Page - Texas Instruments

Back Button TAS2780 Datasheet HTML 56Page - Texas Instruments TAS2780 Datasheet HTML 57Page - Texas Instruments TAS2780 Datasheet HTML 58Page - Texas Instruments TAS2780 Datasheet HTML 59Page - Texas Instruments TAS2780 Datasheet HTML 60Page - Texas Instruments TAS2780 Datasheet HTML 61Page - Texas Instruments TAS2780 Datasheet HTML 62Page - Texas Instruments TAS2780 Datasheet HTML 63Page - Texas Instruments TAS2780 Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 97 page
background image
8.9.67 INT_LIVE0 (page=0x00 address=0x42) [reset=00h]
Bit
Field
Type
Reset
Description
7
IL_BOPM
R
0h
Interrupt due to bop mute
0h = No interrupt
1h = Interrupt
6
IL_BOPIH
R
0h
Interrupt due to bop infinite hold
0h = No interrupt
1h = Interrupt
5
IL_LIMMA
R
0h
Interrupt due to limiter max attenuation
0h = No interrupt
1h = Interrupt
4
IL_PBIP
R
0h
Interrupt due to PVDD below limiter inflection point
0h = No interrupt
1h = Interrupt
3
IL_LIMA
R
0h
Interrupt due to limiter active
0h = No interrupt
1h = Interrupt
2
IL_TDMCE
R
0h
Interrupt due to TDM clock error
0h = No interrupt
1h = Interrupt - Device in shutdown
1
IL_OC
R
0h
Interrupt due to over current error
0h = No interrupt
1h = Interrupt - Device in shutdown
0
IL_OT
R
0h
Interrupt due to over temp error
0h = No interrupt
1 = Interrupt - Device in shutdown
8.9.68 INT_LIVE1 (page=0x00 address=0x43) [reset=00h]
Bit
Field
Type
Reset
Description
7
Reserved
R
0h
Reserved
6
IL_OTPCRC
R
0h
Interrupt due to OTP CRC Error Flag
0h = No interrupt
1h = Interrupt - Device in shutdown
5-3
Reserved
R
0h
Reserved
2
IL_NGA
R
0h
Noise Gate active flag
0h = Noise Gate not detected
1h = Noise Gate detected
1
Reserved
R
0h
Reserved
0
IL_VBATLIM
R
0h
Gain Limiter
0h = No interuupt
1h = Interrupt
8.9.69 INT_LIVE1_0 (page=0x00 address=0x44) [reset=00h]
Bit
Field
Type
Reset
Description
7
IL_PLL_CLK
R
0h
Internal PLL Clock Error
0h = No interrupt
1h = Interrupt - Device in shutdown
6
Reserved
R
0h
Reserved
5
IL_VBAT1S_UVLO
R
0h
VBAT1S Under Voltage
0h = No interrupt
1h = Interrupt - Device in shutdown
4-0
Reserved
R
0h
Reserved
TAS2780
SLOSE75A – FEBRUARY 2022 – REVISED JUNE 2022
www.ti.com
60
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TAS2780



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com