Electronic Components Datasheet Search
  English  ▼

X  

TAS2780 Datasheet(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2780
Description  TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2780 Datasheet(HTML) 67 Page - Texas Instruments

Back Button TAS2780 Datasheet HTML 63Page - Texas Instruments TAS2780 Datasheet HTML 64Page - Texas Instruments TAS2780 Datasheet HTML 65Page - Texas Instruments TAS2780 Datasheet HTML 66Page - Texas Instruments TAS2780 Datasheet HTML 67Page - Texas Instruments TAS2780 Datasheet HTML 68Page - Texas Instruments TAS2780 Datasheet HTML 69Page - Texas Instruments TAS2780 Datasheet HTML 70Page - Texas Instruments TAS2780 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 97 page
background image
Bit
Field
Type
Reset
Description
6-3
FS_RATIO[3:0]
R
Fh
Detected SBCLK to FSYNC ratio.
00h = 16
01h = 24
02h = 32
03h = 48
04h = 64
05h = 96
06h = 128
07h = 192
08h = 256
09h = 384
0Ah = 512
0Bh = 125
0Ch = 250
0Dh = 500
0Eh = Reserved
0F = Invalid ratio
2-0
FS_RATE[2:0]
R
7h
Detected sample rate of TDM bus.
0h - 3h = Reserved
4h = 44.1/48 KHz
5h = 88.2/96 kHz
6h = Reserved
7h = Error condition
8.9.91 LV_EN_CFG (page=0x00 address=0x6A) [reset=12h]
Bit
Field
Type
Reset
Description
7-6
CDS_DLY[1:0]
RW
0h
Delay (1/fs) of the Class-D Y-bridge switching with respect to the
input signal
0h = 8.1(NG enabled,48ksps), 6.1(NG disabled,48ksps)
0h = 12.6(NG enabled,96ksps), 9.6(NG disabled,96ksps)
1h = 7.1(NG enabled,48ksps), 5.1(NG disabled,48ksps),
1h = 10.6(NG enabled,96ksps), 7.6(NG disabled,96ksps)
2h = 6.1(NG enabled,48ksps), 4.1(NG disabled,48ksps)
2h = 8.5(NG enabled,96ksps), 5.6(NG disabled,96ksps)
3h = 5.6(NG enabled,48ksps), 3.6(NG disabled,48ksps
3h = 7.6(NG enabled,96ksps), 4.6(NG disabled,96ksps)
5-4
LVS_DLY[1:0]
RW
1h
Delay (1/fs) of the BYP_EN signaling with respect to the input
signal
0h = 7.8(NG enabled,48ksps), 5.8(NG disabled,48ksps)
0h = 12.1(NG enabled,96ksps), 9.1(NG disabled,96ksps)
1h = 6.8(NG enabled,48ksps), 4.8(NG disabled,48ksps),
1h = 10.1(NG enabled,96ksps), 7.1(NG disabled,96ksps)
2h = 5.8(NG enabled,48ksps), 3.8(NG disabled,48ksps)
2h = 8.1(NG enabled,96ksps), 5.1(NG disabled,96ksps)
3h = 5.1(NG enabled,48ksps), 3.1(NG disabled,48ksps
3h = 6.6(NG enabled,96ksps), 3.6(NG disabled,96ksps)
3-0
LVS_RTH[3:0]
RW
2h
Relative threshold for Low-Voltage Signaling. Headroom is from
current VBAT1S voltage
0h = 0.5 V
1h = 0.6 V
2h = 0.7 V
...
Eh = 1.9 V
Fh = 2 V
8.9.92 NG_CFG2 (page=0x00 address=0x6B) [reset=43h]
Bit
Field
Type
Reset
Description
7
Reserved
R
0h
Reserved
6
CONV_VBAT
RW
1h
Convert the VBAT1S when BOP source is PVDD
0h = No VBAT1S conversion
1h = VBAT1S conversion is performed by SAR
www.ti.com
TAS2780
SLOSE75A – FEBRUARY 2022 – REVISED JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
67
Product Folder Links: TAS2780



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com