Electronic Components Datasheet Search
  English  ▼

X  

TAS2780 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2780
Description  TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2780 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TAS2780 Datasheet HTML 30Page - Texas Instruments TAS2780 Datasheet HTML 31Page - Texas Instruments TAS2780 Datasheet HTML 32Page - Texas Instruments TAS2780 Datasheet HTML 33Page - Texas Instruments TAS2780 Datasheet HTML 34Page - Texas Instruments TAS2780 Datasheet HTML 35Page - Texas Instruments TAS2780 Datasheet HTML 36Page - Texas Instruments TAS2780 Datasheet HTML 37Page - Texas Instruments TAS2780 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 97 page
background image
8.7 Power Sequencing Requirements
There are no power sequencing requirements for order of rate of ramping up or down as long as SDZ pin is kept
low.
8.8 Digital Input Pull Downs
The I2S/TDM interface pins and the ICC pin have optional weak pull down resistors to prevent the pins from
floating. Register bits DIN_PD[4:0] are used to enable/disable pull downs. The pull downs are not enabled during
Hardware Shutdown.
8.9 Register Map
8.9.1 Register Summary Table Page=0x00
Addr
Register
Description
Section
0x00
PAGE
Device Page
Section 8.9.5
0x01
SW_RESET
Software Reset
Section 8.9.6
0x02
MODE_CTRL
Device operational mode
Section 8.9.7
0x03
CHNL_0
Y Bridge and Channel settings
Section 8.9.8
0x04
DC_BLK0
SAR Filter and DC Path Blocker
Section 8.9.9
0x05
DC_BLK1
Record DC Blocker
Section 8.9.10
0x06
MISC_CFG1
Misc Configuration 1
Section 8.9.11
0x07
MISC_CFG2
Misc Configuration 2
Section 8.9.12
0x08
TDM_CFG0
TDM Configuration 0
Section 8.9.13
0x09
TDM_CFG1
TDM Configuration 1
Section 8.9.14
0x0A
TDM_CFG2
TDM Configuration 2
Section 8.9.15
0x0B
LIM_MAX_ATTN
Limiter
Section 8.9.16
0x0C
TDM_CFG3
TDM Configuration 3
Section 8.9.17
0x0D
TDM_CFG4
TDM Configuration 4
Section 8.9.18
0x0E
TDM_CFG5
TDM Configuration 5
Section 8.9.19
0x0F
TDM_CFG6
TDM Configuration 6
Section 8.9.20
0x10
TDM_CFG7
TDM Configuration 7
Section 8.9.21
0x11
TDM_CFG8
TDM Configuration 8
Section 8.9.22
0x12
TDM_CFG9
TDM Configuration 9
Section 8.9.23
0x13
TDM_CFG10
TDM Configuration 10
Section 8.9.24
0x14
TDM_CFG11
TDM Configuration 11
Section 8.9.25
0x15
ICC_CNFG2
ICC Mode
Section 8.9.26
0x16
TDM_CFG12
TDM Configuration 12
Section 8.9.27
0x17
ICLA_CFG0
Inter Chip Limiter Alignment 0
Section 8.9.28
0x18
ICLA_CFG1
Inter Chip Gain Alignment 1
Section 8.9.29
0x19
DG_0
Diagnostic Signal
Section 8.9.30
0x1A
DVC
Digital Volume Control
Section 8.9.31
0x1B
LIM_CFG0
Limiter Configuration 0
Section 8.9.32
0x1C
LIM_CFG1
Limiter Configuration 1
Section 8.9.33
0x1D
BOP_CFG0
Brown Out Prevention 0
Section 8.9.34
0x1E
BOP_CFG1
Brown Out Prevention 1
Section 8.9.35
0x1F
BOP_CFG2
Brown Out Prevention 2
Section 8.9.36
0x20
BOP_CFG3
Brown Out Prevention 3
Section 8.9.37
0x21
BOP_CFG4
Brown Out Prevention 4
Section 8.9.38
0x22
BOP_CFG5
BOP Configuration 5
Section 8.9.39
0x23
BOP_CFG6
Brown Out Prevention 6
Section 8.9.40
0x24
BOP_CFG7
Brown Out Prevention 7
Section 8.9.41
0x25
BOP_CFG8
Brown Out Prevention 8
Section 8.9.42
0x26
BOP_CFG9
Brown Out Prevention 9
Section 8.9.43
TAS2780
SLOSE75A – FEBRUARY 2022 – REVISED JUNE 2022
www.ti.com
34
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TAS2780



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com