Electronic Components Datasheet Search
  English  ▼

X  

DS0128 Datasheet(PDF) 25 Page - Microsemi Corporation

Part # DS0128
Description  IGLOO2 FPGA and SmartFusion2 SoC FPGA
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

DS0128 Datasheet(HTML) 25 Page - Microsemi Corporation

Back Button DS0128 Datasheet HTML 21Page - Microsemi Corporation DS0128 Datasheet HTML 22Page - Microsemi Corporation DS0128 Datasheet HTML 23Page - Microsemi Corporation DS0128 Datasheet HTML 24Page - Microsemi Corporation DS0128 Datasheet HTML 25Page - Microsemi Corporation DS0128 Datasheet HTML 26Page - Microsemi Corporation DS0128 Datasheet HTML 27Page - Microsemi Corporation DS0128 Datasheet HTML 28Page - Microsemi Corporation DS0128 Datasheet HTML 29Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 140 page
background image
IGLOO2 FPGA and SmartFusion2 SoC FPGA
Microsemi Proprietary and Confidential DS0128 Datasheet Revision 12.0
15
2.3.3
Average Fabric Temperature and Voltage Derating Factors
The following table lists the average temperature and voltage derating factors for fabric timing delays
normalized to TJ = 85 °C, in worst-case VDD = 1.14 V.
Table 15 •
Inrush Currents at Power up, –40 °C <= TJ <= 100 °C – Typical Process
Power Supplies
Voltage (V)
005
010
025
050
060
090
150
Unit
VDD
1.26
25
32
38
48
45
77
109
mA
VPP
3.46
33
49
36
180
13
36
51
mA
VDDI
2.62
134
141
161
187
93
272
388
mA
Number of banks
7
8
8
10
10
9
19
Table 16 •
Average Junction Temperature and Voltage Derating Factors for Fabric Timing Delays
Array Voltage VDD (V)
–40 °C
0 °C
25 °C
70 °C
85 °C
100 °C
1.14
0.83
0.89
0.92
0.98
1.00
1.02
1.2
0.75
0.80
0.83
0.89
0.91
0.93
1.26
0.690.73
0.760.810.830.85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com