Electronic Components Datasheet Search
  English  ▼

X  

DS0128 Datasheet(PDF) 63 Page - Microsemi Corporation

Part # DS0128
Description  IGLOO2 FPGA and SmartFusion2 SoC FPGA
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

DS0128 Datasheet(HTML) 63 Page - Microsemi Corporation

Back Button DS0128 Datasheet HTML 59Page - Microsemi Corporation DS0128 Datasheet HTML 60Page - Microsemi Corporation DS0128 Datasheet HTML 61Page - Microsemi Corporation DS0128 Datasheet HTML 62Page - Microsemi Corporation DS0128 Datasheet HTML 63Page - Microsemi Corporation DS0128 Datasheet HTML 64Page - Microsemi Corporation DS0128 Datasheet HTML 65Page - Microsemi Corporation DS0128 Datasheet HTML 66Page - Microsemi Corporation DS0128 Datasheet HTML 67Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 140 page
background image
IGLOO2 FPGA and SmartFusion2 SoC FPGA
Microsemi Proprietary and Confidential DS0128 Datasheet Revision 12.0
53
AC Switching Characteristics
Worst-case commercial conditions: TJ = 85 °C, VDD = 1.14 V, worst-case VDDI.
Minimum and Maximum DC/AC Input and Output Levels Specification using LPDDR-LVCMOS
1.8 V Mode
Table 148 • LPDDR Receiver Characteristics for DDRIO I/O Bank with Fixed Codes
On-Die Termination (ODT)
TPY
Unit
–1
–Std
Pseudo differential None
1.568
1.845
ns
True differential
None
1.588
1.869
ns
Table 149 • LPDDR Reduced Drive for DDRIO I/O Bank (Output and Tristate Buffers)
TDP
TENZL
TENZH
TENHZ
TENLZ
Unit
–1
–Std
–1
–Std
–1
–Std
–1
–Std
–1
–Std
Single-ended 2.383
2.804
2.23
2.623
2.229
2.622 2.202
2.591
2.201
2.59
ns
Differential
2.396
2.819
2.764
3.252
2.764
3.252 2.255
2.653
2.255
2.653
ns
Table 150 • LPDDR Full Drive for DDRIO I/O Bank (Output and Tristate Buffers)
TDP
TENZL
TENZH
TENHZ
TENLZ
Unit
–1
–Std
–1
–Std
–1
–Std
–1
–Std
–1
–Std
Single-ended 2.281
2.683
2.196
2.584
2.195
2.583 2.171
2.555
2.17
2.554
ns
Differential
2.298
2.703
2.288
2.692
2.288
2.692 2.593
3.051
2.593
3.051
ns
Table 151 • LPDDR-LVCMOS 1.8 V Mode Recommended DC Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Supply voltage
VDDI
1.710
1.8
1.89
V
Table 152 • LPDDR-LVCMOS 1.8 V Mode DC Input Voltage Specification
Parameter
Symbol
Min
Max
Unit
DC input logic high (for MSIOD and DDRIO
I/O banks)
VIH (DC)
0.65 × VDDI
1.89
V
DC input logic high (for MSIO I/O bank)
VIH (DC)
0.65 × VDDI
3.45
V
DC input logic low
VIL (DC)
–0.3
0.35 × VDDI V
Input current high1
1.
See
Table 24, page 23.
IIH (DC)
Input current low1
IIL (DC)
Table 153 • LPDDR-LVCMOS 1.8 V Mode DC Output Voltage Specification
Parameter
Symbol
Min
Max
Unit
DC output logic high
VOH
VDDI – 0.45
V
DC output logic low
VOL
0.45
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com