Electronic Components Datasheet Search
  English  ▼

X  

DS0128 Datasheet(PDF) 86 Page - Microsemi Corporation

Part # DS0128
Description  IGLOO2 FPGA and SmartFusion2 SoC FPGA
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

DS0128 Datasheet(HTML) 86 Page - Microsemi Corporation

Back Button DS0128 Datasheet HTML 82Page - Microsemi Corporation DS0128 Datasheet HTML 83Page - Microsemi Corporation DS0128 Datasheet HTML 84Page - Microsemi Corporation DS0128 Datasheet HTML 85Page - Microsemi Corporation DS0128 Datasheet HTML 86Page - Microsemi Corporation DS0128 Datasheet HTML 87Page - Microsemi Corporation DS0128 Datasheet HTML 88Page - Microsemi Corporation DS0128 Datasheet HTML 89Page - Microsemi Corporation DS0128 Datasheet HTML 90Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 140 page
background image
IGLOO2 FPGA and SmartFusion2 SoC FPGA
Microsemi Proprietary and Confidential DS0128 Datasheet Revision 12.0
76
2.3.10.2 Timing Characteristics
The following table lists the combinatorial cell propagation delays in worst commercial-case conditions
when TJ = 85 °C, VDD = 1.14 V.
2.3.10.3 Sequential Module
IGLOO2 and SmartFusion2 SoC FPGAs offer a separate flip-flop which can be used independently from
the LUT. The flip-flop can be configured as a register or a latch and has a data input and optional enable,
synchronous load (clear or preset), and asynchronous load (clear or preset).
Figure 15 • Sequential Module
Table 223 • Combinatorial Cell Propagation Delays
Combinatorial Cell
Equation
Symbol
–1
–Std
Unit
INV
Y = !A
TPD
0.1
0.118
ns
AND2
Y = A · B
TPD
0.164
0.193
ns
NAND2
Y = !(A · B)
TPD
0.147
0.173
ns
OR2
Y = A + B
TPD
0.164
0.193
ns
NOR2
Y = !(A + B)
TPD
0.147
0.173
ns
XOR2
Y = A
 B
TPD
0.164
0.193
ns
XOR3
Y = A
 B  C
TPD
0.225
0.265
ns
AND3
Y = A · B · C
TPD
0.209
0.246
ns
AND4
Y = A · B · C · D
TPD
0.287
0.338
ns
SLE
D
EN
ALn
ADn
SLn
SD
LAT
CLK
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com