Electronic Components Datasheet Search
  English  ▼

X  

DS0128 Datasheet(PDF) 68 Page - Microsemi Corporation

Part # DS0128
Description  IGLOO2 FPGA and SmartFusion2 SoC FPGA
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

DS0128 Datasheet(HTML) 68 Page - Microsemi Corporation

Back Button DS0128 Datasheet HTML 64Page - Microsemi Corporation DS0128 Datasheet HTML 65Page - Microsemi Corporation DS0128 Datasheet HTML 66Page - Microsemi Corporation DS0128 Datasheet HTML 67Page - Microsemi Corporation DS0128 Datasheet HTML 68Page - Microsemi Corporation DS0128 Datasheet HTML 69Page - Microsemi Corporation DS0128 Datasheet HTML 70Page - Microsemi Corporation DS0128 Datasheet HTML 71Page - Microsemi Corporation DS0128 Datasheet HTML 72Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 140 page
background image
IGLOO2 FPGA and SmartFusion2 SoC FPGA
Microsemi Proprietary and Confidential DS0128 Datasheet Revision 12.0
58
2.3.7.2 B-LVDS
Bus LVDS (B-LVDS) specifications extend the existing LVDS standard to high-performance multipoint
bus applications. Multidrop and multipoint bus configurations may contain any combination of drivers,
receivers, and transceivers.
Minimum and Maximum DC/AC Input and Output Levels Specification
Table 173 • B-LVDS Recommended DC Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Supply voltage
VDDI
2.375
2.5
2.625
V
Table 174 • B-LVDS DC Input Voltage Specification
Parameter
Symbol
Min
Max
Unit
DC input voltage
VI
02.925
V
Input current high1
1.
See
Table 24, page 23.
IIH (DC)
Input current low1
IIL (DC)
Table 175 • B-LVDS DC Output Voltage Specification (for MSIO I/O Bank Only)
Parameter
Symbol
Min
Typ
Max
Unit
DC output logic high
VOH
1.25
1.425
1.6
V
DC output logic low
VOL
0.9
1.075
1.25
V
Table 176 • B-LVDS DC Differential Voltage Specification
Parameter
Symbol
Min
Max
Unit
Differential output voltage swing (for MSIO I/O bank only)
VOD
65
460
mV
Output common mode voltage (for MSIO I/O bank only)
VOCM
1.1
1.5
V
Input common mode voltage
VICM
0.05
2.4
V
Input differential voltage
VID
0.1
VDDI
V
Table 177 • B-LVDS Minimum and Maximum AC Switching Speed
Parameter
Symbol
Max
Unit
Conditions
Maximum data rate (for MSIO I/O bank)
DMAX
500
Mbps AC loading: 2 pF / 100
 differential load
Table 178 • B-LVDS AC Impedance Specifications
Parameter
Symbol
Typ
Unit
Termination resistance
RT
27
Table 179 • B-LVDS AC Test Parameter Specifications
Parameter
Symbol
Typ
Unit
Measuring/trip point for data path
VTRIP
Cross point
V
Resistance for enable path (TZH, TZL, THZ, TLZ)RENT
2K
Capacitive loading for enable path (TZH, TZL, THZ, TLZ)
CENT
5pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com