Electronic Components Datasheet Search
  English  ▼

X  

DS0128 Datasheet(PDF) 64 Page - Microsemi Corporation

Part # DS0128
Description  IGLOO2 FPGA and SmartFusion2 SoC FPGA
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

DS0128 Datasheet(HTML) 64 Page - Microsemi Corporation

Back Button DS0128 Datasheet HTML 60Page - Microsemi Corporation DS0128 Datasheet HTML 61Page - Microsemi Corporation DS0128 Datasheet HTML 62Page - Microsemi Corporation DS0128 Datasheet HTML 63Page - Microsemi Corporation DS0128 Datasheet HTML 64Page - Microsemi Corporation DS0128 Datasheet HTML 65Page - Microsemi Corporation DS0128 Datasheet HTML 66Page - Microsemi Corporation DS0128 Datasheet HTML 67Page - Microsemi Corporation DS0128 Datasheet HTML 68Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 140 page
background image
IGLOO2 FPGA and SmartFusion2 SoC FPGA
Microsemi Proprietary and Confidential DS0128 Datasheet Revision 12.0
54
Table 154 • LPDDR-LVCMOS 1.8 V Minimum and Maximum AC Switching Speeds
Parameter
Symbol Max Unit Conditions
Maximum data rate (for DDRIO I/O bank)
DMAX
400 Mbps AC loading: 17pf load, 8 ma
drive and above/all slew
Table 155 • LPDDR-LVCMOS 1.8 V Calibrated Impedance Option
Parameter
Symbol
Typ
Unit
Supported output driver calibrated
impedance (for DDRIO I/O bank)
RODT_CAL
75, 60, 50, 33, 25, 20
Table 156 • LPDDR-LVCMOS 1.8 V AC Test Parameter Specifications
Parameter
Symbol
Typ
Unit
Measuring/trip point for data path
VTRIP
0.9
V
Resistance for enable path (TZH, TZL, THZ, TLZ)RENT
2K
Capacitive loading for enable path (TZH, TZL, THZ, TLZ)
CENT
5pF
Capacitive loading for data path (TDP)
CLOAD
5pF
Table 157 • LPDDR-LVCMOS 1.8 V Mode Transmitter Drive Strength Specification for DDRIO Bank
Output Drive Selection
VOH (V)
Min
VOL (V)
Max
IOH (at VOH) mA
IOL (at VOL) mA
2 mA
VDDI – 0.45
0.45
2
2
4 mA
VDDI – 0.45
0.45
4
4
6 mA
VDDI – 0.45
0.45
6
6
8 mA
VDDI – 0.45
0.45
8
8
10 mA
VDDI – 0.45
0.45
10
10
12 mA
VDDI – 0.45
0.45
12
12
16 mA1
VDDI – 0.45
0.45
16
16
1. 16 mA Drive Strengths, All Slews, meet LPDDR JEDEC electrical compliance.
Table 158 • LPDDR-LVCMOS 1.8V AC Switching Characteristics for Receiver (for DDRIO
I/O Bank with Fixed Code - Input Buffers)
ODT (On Die
Termination)
–1
–Std
–1
–Std
Unit
None
1.968
2.315
2.099
2.47
ns
Table 159 • LPDDR-LVCMOS 1.8 V AC Switching Characteristics for Transmitter for DDRIO I/O Bank (Output
and Tristate Buffers)
Output Drive
Selection
Slew
Control
TDP
TZL
TZH
THZ1
TLZ1
Unit
–1
–Std
–1
–Std
–1
–Std –1
–Std
–1
–Std
2 mA
slow
4.234
4.981 3.646
4.29
4.245
4.995 4.908
5.774 4.434
5.216 ns
medium
3.824
4.498 3.282
3.861 3.834
4.511 4.625
5.441 4.116
4.843 ns
medium_fast 3.627
4.267 3.111
3.66
3.637
4.279 4.481
5.272 3.984
4.687 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com