Electronic Components Datasheet Search
  English  ▼

X  

DS0128 Datasheet(PDF) 89 Page - Microsemi Corporation

Part # DS0128
Description  IGLOO2 FPGA and SmartFusion2 SoC FPGA
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

DS0128 Datasheet(HTML) 89 Page - Microsemi Corporation

Back Button DS0128 Datasheet HTML 85Page - Microsemi Corporation DS0128 Datasheet HTML 86Page - Microsemi Corporation DS0128 Datasheet HTML 87Page - Microsemi Corporation DS0128 Datasheet HTML 88Page - Microsemi Corporation DS0128 Datasheet HTML 89Page - Microsemi Corporation DS0128 Datasheet HTML 90Page - Microsemi Corporation DS0128 Datasheet HTML 91Page - Microsemi Corporation DS0128 Datasheet HTML 92Page - Microsemi Corporation DS0128 Datasheet HTML 93Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 140 page
background image
IGLOO2 FPGA and SmartFusion2 SoC FPGA
Microsemi Proprietary and Confidential DS0128 Datasheet Revision 12.0
79
The following table lists the 010 device global resources in worst commercial-case conditions when
TJ = 85 °C, VDD = 1.14 V.
The following table lists the 005 device global resources in worst commercial-case conditions when
TJ = 85 °C, VDD = 1.14 V.
2.3.12
FPGA Fabric SRAM
See UG0445: IGLOO2 FPGA and SmartFusion2 SoC FPGA Fabric User Guide for more information.
2.3.12.1 FPGA Fabric Large SRAM (LSRAM)
The following table lists the RAM1K18 – dual-port mode for depth × width configuration 1K × 18 in worst
commercial-case conditions when TJ = 85 °C, VDD = 1.14 V.
Table 229 • 010 Device Global Resource
Parameter
Symbol
–1
–Std
Unit
Min
Max
Min
Max
Input low delay for global clock
TRCKL
0.626
0.669
0.627
0.668
ns
Input high delay for global clock
TRCKH
1.112
1.182
1.308
1.393
ns
Maximum skew for global clock
TRCKSW
0.07
0.085
ns
Table 230 • 005 Device Global Resource
Parameter
Symbol
–1
–Std
Unit
Min
Max
Min
Max
Input low delay for global clock
TRCKL
0.625 0.66
0.628 0.66
ns
Input high delay for global clock
TRCKH
1.126 1.187 1.325 1.397 ns
Maximum skew for global clock
TRCKSW
0.061
0.072 ns
Table 231 • RAM1K18 – Dual-Port Mode for Depth × Width Configuration 1K × 18
Parameter
Symbol
–1
–Std
Unit
Min
Max
Min
Max
Clock period
TCY
2.5
2.941
ns
Clock minimum pulse width high
TCLKMPWH
1.125
1.323
ns
Clock minimum pulse width low
TCLKMPWL
1.125
1.323
ns
Pipelined clock period
TPLCY
2.5
2.941
ns
Pipelined clock minimum pulse width high
TPLCLKMPWH 1.125
1.323
ns
Pipelined clock minimum pulse width low
TPLCLKMPWL
1.125
1.323
ns
Read access time with pipeline register
TCLK2Q
0.334
0.393
ns
Read access time without pipeline register
2.273
2.674
ns
Access time with feed-through write timing
1.529
1.799
ns
Address setup time
TADDRSU
0.441
0.519
ns
Address hold time
TADDRHD
0.274
0.322
ns
Data setup time
TDSU
0.341
0.401
ns
Data hold time
TDHD
0.107
0.126
ns
Block select setup time
TBLKSU
0.207
0.244
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com