Electronic Components Datasheet Search
  English  ▼

X  

DS0128 Datasheet(PDF) 87 Page - Microsemi Corporation

Part # DS0128
Description  IGLOO2 FPGA and SmartFusion2 SoC FPGA
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

DS0128 Datasheet(HTML) 87 Page - Microsemi Corporation

Back Button DS0128 Datasheet HTML 83Page - Microsemi Corporation DS0128 Datasheet HTML 84Page - Microsemi Corporation DS0128 Datasheet HTML 85Page - Microsemi Corporation DS0128 Datasheet HTML 86Page - Microsemi Corporation DS0128 Datasheet HTML 87Page - Microsemi Corporation DS0128 Datasheet HTML 88Page - Microsemi Corporation DS0128 Datasheet HTML 89Page - Microsemi Corporation DS0128 Datasheet HTML 90Page - Microsemi Corporation DS0128 Datasheet HTML 91Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 140 page
background image
IGLOO2 FPGA and SmartFusion2 SoC FPGA
Microsemi Proprietary and Confidential DS0128 Datasheet Revision 12.0
77
The following figure shows a configuration with SD = 0 (synchronous clear) and ADn = 1 (asynchronous
clear) for a flip-flop (LAT = 0).
Figure 16 • Sequential Module Timing Diagram
2.3.10.3.1 Timing Characteristics
The following table lists the register delays in worst commercial-case conditions when TJ = 85 °C,
VDD = 1.14 V.
Table 224 • Register Delays
Parameter
Symbol
–1
–Std
Unit
Clock-to-Q of the core register
TCLKQ
0.108
0.127
ns
Data setup time for the core register
TSUD
0.254
0.298
ns
Data hold time for the core register
THD
00
ns
Enable setup time for the core register
TSUE
0.335
0.394
ns
Enable hold time for the core register
THE
00
ns
Synchronous load setup time for the core register
TSUSL
0.335
0.394
ns
Synchronous load hold time for the core register
THSL
00
ns
Asynchronous Clear-to-Q of the core register (ADn = 1)
TALN2Q
0.473
0.556
ns
Asynchronous preset-to-Q of the core register (ADn = 0)
0.451
0.531
ns
Asynchronous load removal time for the core register
TREMALN
00
ns
Asynchronous load recovery time for the core register
TRECALN
0.353
0.415
ns
Asynchronous load minimum pulse width for the core register
TWALN
0.266
0.313
ns
Clock minimum pulse width high for the core register
TCKMPWH
0.065
0.077
ns
Clock minimum pulse width low for the core register
TCKMPWL
0.139
0.164
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com