Electronic Components Datasheet Search
  English  ▼

X  

DS0128 Datasheet(PDF) 33 Page - Microsemi Corporation

Part # DS0128
Description  IGLOO2 FPGA and SmartFusion2 SoC FPGA
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

DS0128 Datasheet(HTML) 33 Page - Microsemi Corporation

Back Button DS0128 Datasheet HTML 29Page - Microsemi Corporation DS0128 Datasheet HTML 30Page - Microsemi Corporation DS0128 Datasheet HTML 31Page - Microsemi Corporation DS0128 Datasheet HTML 32Page - Microsemi Corporation DS0128 Datasheet HTML 33Page - Microsemi Corporation DS0128 Datasheet HTML 34Page - Microsemi Corporation DS0128 Datasheet HTML 35Page - Microsemi Corporation DS0128 Datasheet HTML 36Page - Microsemi Corporation DS0128 Datasheet HTML 37Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 140 page
background image
IGLOO2 FPGA and SmartFusion2 SoC FPGA
Microsemi Proprietary and Confidential DS0128 Datasheet Revision 12.0
23
2.3.5.5
Detailed I/O Characteristics
The following table lists the minimum and maximum I/O weak pull-up/pull-down resistance values of
DDRIO I/O bank at VOH/VOL Level.
Table 24 •
Input Capacitance, Leakage Current, and Ramp Time
Symbol
Description
Maximum Unit
Conditions
CIN
Input capacitance
10
pF
IIL (dc)
Input current low
(Applicable to HSTL/SSTL inputs only)
400
µA
VDDI = 2.5 V
500
µA
VDDI = 1.8 V
600
µA
VDDI = 1.5 V1
1.
Applicable when I/O pair is programmed with an HSTL/SSTL I/O type on IOP and an un-
terminated I/O type (LVCMOS, for example) on ION pad.
Input current low
(Applicable to all other digital inputs)
10
µA
IIH (dc)
Input current high
(Applicable to HSTL/SSTL inputs only)
400
µA
VDDI = 2.5 V
500
µA
VDDI = 1.8 V
600
µA
VDDI = 1.5 V1
Input current high
(Applicable to all other digital inputs)
10
µA
TRAMPIN2
2.
Voltage ramp must be monotonic.
Input ramp time
(Applicable to all digital inputs)
50
ns
Table 25 •
I/O Weak Pull-up/Pull-down Resistances for DDRIO I/O Bank
VDDI Domain
R(WEAK PULL-UP) at VOH () R(WEAK PULL-DOWN) at VOL (
Min
Max
Min
Max
2.5 V1, 2
1.
R(WEAK PULL-DOWN) = (VOLspec)/I(WEAK PULL-DOWN MAX).
2.
R(WEAK PULL-UP) = (VDDImax – VOHspec)/I(WEAK PULL-UP MIN).
10K
17.8K
9.98K
18K
1.8 V1, 2
10.3K
19.1K
10.3K
19.5K
1.5 V1, 2
10.6K
20.2K
10.6K
21.1K
1.2 V1, 2
11.1K
22.7K
11.2K
24.6K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com