Electronic Components Datasheet Search
  English  ▼

X  

DS0128 Datasheet(PDF) 56 Page - Microsemi Corporation

Part # DS0128
Description  IGLOO2 FPGA and SmartFusion2 SoC FPGA
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

DS0128 Datasheet(HTML) 56 Page - Microsemi Corporation

Back Button DS0128 Datasheet HTML 52Page - Microsemi Corporation DS0128 Datasheet HTML 53Page - Microsemi Corporation DS0128 Datasheet HTML 54Page - Microsemi Corporation DS0128 Datasheet HTML 55Page - Microsemi Corporation DS0128 Datasheet HTML 56Page - Microsemi Corporation DS0128 Datasheet HTML 57Page - Microsemi Corporation DS0128 Datasheet HTML 58Page - Microsemi Corporation DS0128 Datasheet HTML 59Page - Microsemi Corporation DS0128 Datasheet HTML 60Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 140 page
background image
IGLOO2 FPGA and SmartFusion2 SoC FPGA
Microsemi Proprietary and Confidential DS0128 Datasheet Revision 12.0
46
2.3.6.4 Stub-Series Terminated Logic 1.8 V (SSTL18)
SSTL18 Class I and Class II are supported in IGLOO2 and SmartFusion2 SoC FPGAs, and also comply
with the reduced and full drive double date rate (DDR2) standard. IGLOO2 and SmartFusion2 SoC
FPGA I/Os support both standards for single-ended signaling and differential signaling for SSTL18. This
standard requires a differential amplifier input buffer and a push-pull output buffer.
Table 113 • DDR1/SSTL2 Receiver Characteristics for MSIOD I/O Bank (Input Buffers)
On-Die
Termination (ODT)
TPY
Unit
–1
–Std
Pseudo differential
None
2.476
2.913
ns
True differential
None
2.475
2.911
ns
Table 114 • SSTL2 Class I Transmitter Characteristics for DDRIO I/O Bank (Output and Tristate Buffers)
TDP
TZL
TZH
THZ
TLZ
Unit
–1
–Std
–1
–Std
–1
–Std
–1
–Std
–1
–Std
Single-ended
2.26
2.66
1.99
2.341 1.985
2.335
2.135
2.512
2.13
2.505
ns
Differential
2.26
2.658
2.202
2.591 2.201
2.589
2.393
2.815
2.392
2.814
ns
Table 115 • DDR1/SSTL2 Class I Transmitter Characteristics for MSIO I/O Bank (Output and Tristate Buffers)
TDP
TZL
TZH
THZ
TLZ
Unit
–1
–Std
–1
–Std
–1
–Std
–1
–Std
–1
–Std
Single-ended
2.055
2.417
2.037
2.396 2.03
2.388
2.068
2.433
2.061
2.425
ns
Differential
2.192
2.58
2.434
2.864 2.425
2.852
2.164
2.545
2.156
2.536
ns
Table 116 • DDR1/SSTL2 Class I Transmitter Characteristics for MSIOD I/O Bank (Output and Tristate
Buffers)
TDP
TZL
TZH
THZ
TLZ
Unit
–1
–Std
–1
–Std
–1
–Std
–1
–Std
–1
–Std
Single-ended
1.512
1.779
1.462
1.72
1.462
1.72
1.676
1.972
1.676
1.971
ns
Differential
1.676
1.971
1.774
2.087 1.766
2.077
1.854
2.181
1.845
2.171
ns
Table 117 • DDR1/SSTL2 Class II Transmitter Characteristics for DDRIO I/O Bank (Output and Tristate
Buffers)
TDP
TZL
TZH
THZ
TLZ
Unit
–1
–Std
–1
–Std
–1
–Std
–1
–Std
–1
–Std
Single-ended
2.122
2.497
1.906
2.243 1.902
2.237
2.061
2.424
2.056
2.418
ns
Differential
2.127
2.501
2.042
2.402 2.043
2.403
2.363
2.78
2.365
2.781
ns
Table 118 • DDR1/SSTL2 Class II Transmitter Characteristics for MSIO I/O Bank (Output and Tristate Buffers)
TDP
TZL
TZH
THZ
TLZ
Unit
–1
–Std
–1
–Std
–1
–Std
–1
–Std
–1
–Std
Single-ended
2.29
2.693
1.988
2.338 1.978
2.326
1.989
2.34
1.979
2.328
ns
Differential
2.418
2.846
2.304
2.711 2.297
2.702
2.131
2.506
2.124
2.499
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com