Electronic Components Datasheet Search
  English  ▼

X  

DS0128 Datasheet(PDF) 34 Page - Microsemi Corporation

Part # DS0128
Description  IGLOO2 FPGA and SmartFusion2 SoC FPGA
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

DS0128 Datasheet(HTML) 34 Page - Microsemi Corporation

Back Button DS0128 Datasheet HTML 30Page - Microsemi Corporation DS0128 Datasheet HTML 31Page - Microsemi Corporation DS0128 Datasheet HTML 32Page - Microsemi Corporation DS0128 Datasheet HTML 33Page - Microsemi Corporation DS0128 Datasheet HTML 34Page - Microsemi Corporation DS0128 Datasheet HTML 35Page - Microsemi Corporation DS0128 Datasheet HTML 36Page - Microsemi Corporation DS0128 Datasheet HTML 37Page - Microsemi Corporation DS0128 Datasheet HTML 38Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 140 page
background image
IGLOO2 FPGA and SmartFusion2 SoC FPGA
Microsemi Proprietary and Confidential DS0128 Datasheet Revision 12.0
24
The following table lists the minimum and maximum I/O weak pull-up/pull-down resistance values of
MSIO I/O bank at VOH/VOL Level.
The following table lists the minimum and maximum I/O weak pull-up/pull-down resistance values of
MSIOD I/O bank at VOH/VOL Level.
The following table lists the hysteresis voltage value for schmitt trigger mode input buffers.
Table 26 •
I/O Weak Pull-Up/Pull-Down Resistances for MSIO I/O Bank
VDDI Domain
R(WEAK PULL-UP) at VOH ( R(WEAK PULL-DOWN) at VOL (
Min
Max
Min
Max
3.3 V
9.9K
17.1K
9.98K
17.5K
2.5 V1, 2
1.
R(WEAK PULL-DOWN) = (VOLspec)/I(WEAK PULL-DOWN MAX).
2.
R(WEAK PULL-UP) = (VDDImax – VOHspec)/I(WEAK PULL-UP MIN).
10K
17.6K
10.1K
18.4K
1.8 V1, 2
10.4K
19.1K
10.4K
20.4K
1.5 V1, 2
10.7K
20.4K
10.8K
22.2K
1.2 V1, 2
11.3K
23.2K
11.5K
26.7K
Table 27 •
I/O Weak Pull-up/Pull-down Resistances for MSIOD I/O Bank
VDDI Domain
R(WEAK PULL-UP) at VOH () R(WEAK PULL-DOWN) at VOL ()
Min
Max
Min
Max
2.5 V1, 2
1.
R(WEAK PULL-DOWN) = (VOLspec)/I(WEAK PULL-DOWN MAX).
2.
R(WEAK PULL-UP) = (VDDImax – VOHspec)/I(WEAK PULL-UP MIN).
9.6K
16.6K
9.5K
16.4K
1.8 V1, 2
9.7K
17.3K
9.7K
17.1K
1.5 V1, 2
9.9K
18K
9.8K
17.6K
1.2 V1, 2
10.3K
19.6K
10K
19.1K
Table 28 •
Schmitt Trigger Input Hysteresis
Input Buffer Configuration
Hysteresis Value (Typical, unless otherwise noted)
3.3 V LVTTL/LVCMOS/
PCI/PCI-X
0.05 × VDDI (worst-case)
2.5 V LVCMOS
0.05 × VDDI (worst-case)
1.8 V LVCMOS
0.1 × VDDI (worst-case)
1.5 V LVCMOS
60 mV
1.2 V LVCMOS
20 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com