Electronic Components Datasheet Search
  English  ▼

X  

DS0128 Datasheet(PDF) 72 Page - Microsemi Corporation

Part # DS0128
Description  IGLOO2 FPGA and SmartFusion2 SoC FPGA
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

DS0128 Datasheet(HTML) 72 Page - Microsemi Corporation

Back Button DS0128 Datasheet HTML 68Page - Microsemi Corporation DS0128 Datasheet HTML 69Page - Microsemi Corporation DS0128 Datasheet HTML 70Page - Microsemi Corporation DS0128 Datasheet HTML 71Page - Microsemi Corporation DS0128 Datasheet HTML 72Page - Microsemi Corporation DS0128 Datasheet HTML 73Page - Microsemi Corporation DS0128 Datasheet HTML 74Page - Microsemi Corporation DS0128 Datasheet HTML 75Page - Microsemi Corporation DS0128 Datasheet HTML 76Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 140 page
background image
IGLOO2 FPGA and SmartFusion2 SoC FPGA
Microsemi Proprietary and Confidential DS0128 Datasheet Revision 12.0
62
AC Switching Characteristics
Worst commercial-case conditions: TJ = 85 °C, VDD = 1.14 V, VDDI = 2.375 V.
Table 199 • Mini-LVDS AC Test Parameter Specifications
Parameter
Symbol
Typ
Unit
Measuring/trip point for data path
VTRIP
Cross point
V
Resistance for enable path (TZH, TZL, THZ, TLZ)RENT
2K
Capacitive loading for enable path (TZH, TZL, THZ, TLZ)CENT
5pF
Table 200 • Mini-LVDS AC Switching Characteristics for Receiver (for MSIO I/O Bank - Input Buffers)
On-Die Termination (ODT)
TPY
Unit
–1
–Std
None
2.855
3.359
ns
100
2.85
3.353
ns
None
2.602
3.061
ns
100
2.597
3.055
ns
Table 201 • Mini-LVDS AC Switching Characteristics for Transmitter for MSIO I/O Bank (Output and
Tristate Buffers)
TDP
TZL
TZH
THZ
TLZ
Unit
–1
–Std
–1
–Std
–1
–Std
–1
–Std
–1
–Std
2.097
2.467
2.308
2.715
2.296
2.701
1.964
2.31
1.949
2.293 ns
Table 202 • Mini-LVDS AC Switching Characteristics for Transmitter (for MSIOD I/O Bank - Output and
Tristate Buffers)
TDP
TZL
TZH
THZ
TLZ
Unit
–1
–Std
–1
–Std
–1
–Std –1
–Std –1
–Std
No pre-emphasis
1.614
1.899 1.562
1.837 1.553
1.826 1.593
1.874 1.578
1.856 ns
Min pre-emphasis
1.604
1.887 1.745
2.053 1.731
2.036 1.892
2.225 1.861
2.189 ns
Med pre-emphasis
1.521
1.79
1.753
2.062 1.737
2.043 1.9
2.235 1.868
2.197ns
Max pre-emphasis
1.492
1.754 1.762
2.073 1.745
2.052 1.91
2.247 1.876
2.206 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com