Electronic Components Datasheet Search
  English  ▼

X  

DS0128 Datasheet(PDF) 84 Page - Microsemi Corporation

Part # DS0128
Description  IGLOO2 FPGA and SmartFusion2 SoC FPGA
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

DS0128 Datasheet(HTML) 84 Page - Microsemi Corporation

Back Button DS0128 Datasheet HTML 80Page - Microsemi Corporation DS0128 Datasheet HTML 81Page - Microsemi Corporation DS0128 Datasheet HTML 82Page - Microsemi Corporation DS0128 Datasheet HTML 83Page - Microsemi Corporation DS0128 Datasheet HTML 84Page - Microsemi Corporation DS0128 Datasheet HTML 85Page - Microsemi Corporation DS0128 Datasheet HTML 86Page - Microsemi Corporation DS0128 Datasheet HTML 87Page - Microsemi Corporation DS0128 Datasheet HTML 88Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 140 page
background image
IGLOO2 FPGA and SmartFusion2 SoC FPGA
Microsemi Proprietary and Confidential DS0128 Datasheet Revision 12.0
74
Figure 13 • Output DDR Timing Diagram
2.3.9.5 Timing Characteristics
The following table lists the output DDR propagation delays in worst commercial-case conditions when
TJ = 85 °C, VDD = 1.14 V.
Table 222 • Output DDR Propagation Delays
Symbol
Description
Measuring Nodes
(from, to)
–1
–Std
Unit
TDDROCLKQ
Clock-to-out of DDR for output DDR
E, G
0.263
0.309
ns
TDDROSUDF
Data_F data setup for output DDR
F, E
0.143
0.168
ns
TDDROSUDR
Data_R data setup for output DDR
A, E
0.19
0.223
ns
TDDROHDF
Data_F data hold for output DDR
F, E
0
0
ns
TDDROHDR
Data_R data hold for output DDR
A, E
0
0
ns
TDDROSUE
Enable setup for input DDR
B, E
0.419
0.493
ns
TDDROHE
Enable hold for input DDR
B, E
0
0
ns
TDDROSUSLN
Synchronous load setup for input DDR
D, E
0.196
0.231
ns
TDDROHSLN
Synchronous load hold for input DDR
D, E
0
0
ns
TDDROAL2Q
Asynchronous load-to-out for output DDR
C, G
0.528
0.621
ns
TDDROREMAL
Asynchronous load removal time for output DDR
C, E
0
0
ns
TDDRORECAL
Asynchronous load recovery time for output DDR
C, E
0.034
0.04
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com