Electronic Components Datasheet Search
  English  ▼

X  

DS0128 Datasheet(PDF) 41 Page - Microsemi Corporation

Part # DS0128
Description  IGLOO2 FPGA and SmartFusion2 SoC FPGA
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

DS0128 Datasheet(HTML) 41 Page - Microsemi Corporation

Back Button DS0128 Datasheet HTML 37Page - Microsemi Corporation DS0128 Datasheet HTML 38Page - Microsemi Corporation DS0128 Datasheet HTML 39Page - Microsemi Corporation DS0128 Datasheet HTML 40Page - Microsemi Corporation DS0128 Datasheet HTML 41Page - Microsemi Corporation DS0128 Datasheet HTML 42Page - Microsemi Corporation DS0128 Datasheet HTML 43Page - Microsemi Corporation DS0128 Datasheet HTML 44Page - Microsemi Corporation DS0128 Datasheet HTML 45Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 140 page
background image
IGLOO2 FPGA and SmartFusion2 SoC FPGA
Microsemi Proprietary and Confidential DS0128 Datasheet Revision 12.0
31
AC Switching Characteristics
Worst commercial-case conditions: TJ = 85 °C, VDD = 1.14 V, VDDI = 1.71 V
Table 53 •
LVCMOS 1.8 V AC Calibrated Impedance Option
Parameter
Symbol
Typ
Unit
Supported output driver calibrated
impedance (for DDRIO I/O bank)
Rodt_cal
75, 60, 50,
33, 25, 20
Table 54 •
LVCMOS 1.8 V AC Test Parameter Specifications
Parameter
Symbol
Typ
Unit
Measuring/trip point for data path
VTRIP
0.9
V
Resistance for enable path (TZH, TZL, THZ, TLZ)RENT
2k
Capacitive loading for enable path (TZH, TZL, THZ,
TLZ)
CENT
5pF
Capacitive loading for data path (TDP)CLOAD
5pF
Table 55 •
LVCMOS 1.8 V Transmitter Drive Strength Specifications
Output Drive Selection
VOH (V)
VOL (V)
IOH (at VOH)
mA
IOL (at VOL)
mA
MSIO I/O Bank
MSIOD I/O Bank
DDRIO I/O Bank
Min
Max
2 mA
2 mA
2 mA
VDDI – 0.45
0.45
2
2
4 mA
4 mA
4 mA
VDDI – 0.45
0.45
4
4
6 mA
6 mA
6 mA
VDDI – 0.45
0.45
6
6
8 mA
8 mA
8 mA
VDDI – 0.45
0.45
8
8
10 mA
10 mA
10 mA
VDDI – 0.45
0.45
10
10
12 mA
12 mA
VDDI – 0.45
0.45
12
12
16 mA1
1.
16 mA drive strengths, all slews, meets LPDDR JEDEC electrical compliance.
VDDI – 0.45
0.45
16
16
Table 56 •
LVCMOS 1.8 V Receiver Characteristics (Input Buffers)
On-Die Termination
(ODT)
TPY
TPYS
Unit
–1
–Std
–1
–Std
LVCMOS 1.8 V
(for DDRIO I/O bank
with Fixed Codes)
None
1.968
2.315
2.099
2.47
ns
LVCMOS 1.8 V
(for MSIO I/O bank)
None
2.898
3.411
2.883
3.393
ns
50
3.05
3.59
3.044
3.583
ns
75
2.999
3.53
2.987
3.516
ns
150
2.947
3.469
2.933
3.452
ns
LVCMOS 1.8 V
(for MSIOD I/O bank)
None
2.611
3.071
2.598
3.057
ns
50
2.775
3.264
2.775
3.265
ns
75
2.72
3.2
2.712
3.19
ns
150
2.666
3.137
2.655
3.123
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com