Electronic Components Datasheet Search
  English  ▼

X  

DS0128 Datasheet(PDF) 45 Page - Microsemi Corporation

Part # DS0128
Description  IGLOO2 FPGA and SmartFusion2 SoC FPGA
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

DS0128 Datasheet(HTML) 45 Page - Microsemi Corporation

Back Button DS0128 Datasheet HTML 41Page - Microsemi Corporation DS0128 Datasheet HTML 42Page - Microsemi Corporation DS0128 Datasheet HTML 43Page - Microsemi Corporation DS0128 Datasheet HTML 44Page - Microsemi Corporation DS0128 Datasheet HTML 45Page - Microsemi Corporation DS0128 Datasheet HTML 46Page - Microsemi Corporation DS0128 Datasheet HTML 47Page - Microsemi Corporation DS0128 Datasheet HTML 48Page - Microsemi Corporation DS0128 Datasheet HTML 49Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 140 page
background image
IGLOO2 FPGA and SmartFusion2 SoC FPGA
Microsemi Proprietary and Confidential DS0128 Datasheet Revision 12.0
35
AC Switching Characteristics
Worst commercial-case conditions: TJ = 85 °C, VDD = 1.14 V, VDDI = 1.425 V
Table 67 •
LVCMOS 1.5 V Receiver Characteristics for DDRIO I/O Bank with Fixed
Codes (Input Buffers)
On-Die Termination
(ODT)
TPY
TPYS
Unit
–1
–Std
–1
–Std
None
2.051
2.413
2.086
2.455
ns
Table 68 •
LVCMOS 1.5 V Receiver Characteristics for MSIO I/O Bank (Input
Buffers)
On-Die Termination
(ODT)
TPY
TPYS
Unit
–1
–Std
–1
–Std
None
3.311
3.896
3.285
3.865
ns
50
3.654
4.299
3.623
4.263
ns
75
3.533
4.156
3.501
4.119
ns
150
3.415
4.018
3.388
3.986
ns
Table 69 •
LVCMOS 1.5 V Receiver Characteristics for MSIOD I/O Bank (Input
Buffers)
On-Die Termination
(ODT)
TPY
TPYS
Unit
–1
–Std
–1
–Std
None
2.959
3.481
2.93
3.447
ns
50
3.298
3.88
3.268
3.845
ns
75
3.162
3.719
3.128
3.68
ns
150
3.053
3.592
3.021
3.554
ns
Table 70 •
LVCMOS 1.5 V Transmitter Characteristics for DDRIO I/O Bank (Output and Tristate Buffers)
Output
Drive
Selection
Slew
Control
TDP
TZL
TZH
THZ1
TLZ1
Unit
–1
–Std
–1
–Std
–1
–Std
–1
–Std
–1
–Std
2 mA
Slow
5.122
6.026
4.31
5.07
5.145
6.052
5.258
6.186
4.672
5.496
ns
Medium
4.58
5.389
3.86
4.54
4.6
5.411
4.977
5.855
4.357
5.126
ns
Medium
fast
4.323
5.086
3.629
4.269
4.341
5.107
4.804
5.652
4.228
4.974
ns
Fast
4.296
5.054
3.609
4.245
4.314
5.075
4.791
5.636
4.219
4.963
ns
4 mA
Slow
4.449
5.235
3.707
4.361
4.443
5.227
6.058
7.127
5.458
6.421
ns
Medium
3.961
4.66
3.264
3.839
3.954
4.651
5.778
6.797
5.116
6.018
ns
Medium
fast
3.729
4.387
3.043
3.579
3.72
4.376
5.63
6.624
4.981
5.86
ns
Fast
3.704
4.358
3.027
3.56
3.695
4.347
5.624
6.617
4.973
5.851
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com