Electronic Components Datasheet Search
  English  ▼

X  

DS0128 Datasheet(PDF) 26 Page - Microsemi Corporation

Part # DS0128
Description  IGLOO2 FPGA and SmartFusion2 SoC FPGA
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

DS0128 Datasheet(HTML) 26 Page - Microsemi Corporation

Back Button DS0128 Datasheet HTML 22Page - Microsemi Corporation DS0128 Datasheet HTML 23Page - Microsemi Corporation DS0128 Datasheet HTML 24Page - Microsemi Corporation DS0128 Datasheet HTML 25Page - Microsemi Corporation DS0128 Datasheet HTML 26Page - Microsemi Corporation DS0128 Datasheet HTML 27Page - Microsemi Corporation DS0128 Datasheet HTML 28Page - Microsemi Corporation DS0128 Datasheet HTML 29Page - Microsemi Corporation DS0128 Datasheet HTML 30Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 140 page
background image
IGLOO2 FPGA and SmartFusion2 SoC FPGA
Microsemi Proprietary and Confidential DS0128 Datasheet Revision 12.0
16
2.3.4
Timing Model
This section describes timing model and timing parameters.
Figure 2 •
Timing Model
The following table lists the timing model parameters in worst commercial-case conditions when
TJ = 85 °C, VDD = 1.14 V.
Table 17 •
Timing Model Parameters
Index
Symbol
Description
–1
Unit
For More Information
ATPY
Propagation delay of DDR3 receiver
1.605
ns
See Table 137, page 50
BTICLKQ
Clock-to-Q of the input data register
0.16
ns
See Table 221, page 71
TISUD
Setup time of the input data register
0.357
ns
See Table 221, page 71
CTRCKH
Input high delay for global clock
1.53
ns
See Table 227, page 78
TRCKL
Input low delay for global clock
0.897
ns
See Table 227, page 78
DTPY
Input propagation delay of LVDS
receiver
2.774
ns
See Table 167, page 57
ETDP
Propagation delay of a three-input AND
gate
0.198
ns
See Table 223, page 76



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com