Electronic Components Datasheet Search
  English  ▼

X  

DS0128 Datasheet(PDF) 17 Page - Microsemi Corporation

Part # DS0128
Description  IGLOO2 FPGA and SmartFusion2 SoC FPGA
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

DS0128 Datasheet(HTML) 17 Page - Microsemi Corporation

Back Button DS0128 Datasheet HTML 13Page - Microsemi Corporation DS0128 Datasheet HTML 14Page - Microsemi Corporation DS0128 Datasheet HTML 15Page - Microsemi Corporation DS0128 Datasheet HTML 16Page - Microsemi Corporation DS0128 Datasheet HTML 17Page - Microsemi Corporation DS0128 Datasheet HTML 18Page - Microsemi Corporation DS0128 Datasheet HTML 19Page - Microsemi Corporation DS0128 Datasheet HTML 20Page - Microsemi Corporation DS0128 Datasheet HTML 21Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 140 page
background image
IGLOO2 FPGA and SmartFusion2 SoC FPGA
Microsemi Proprietary and Confidential DS0128 Datasheet Revision 12.0
7
1.
For flash programming and retention maximum limits, see Table 5, page 8. For recommended operating conditions, see Table 4,
page 7.
Table 4 •
Recommended Operating Conditions1
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Operating junction temperature
TJ
0
25
85
°C
Commercial
–40
25
100
°C
Industrial
Programming junction temperatures2 TJ
0
25
85
°C
Commercial
–40
25
100
°C
Industrial
DC core supply voltage.
Must always power this pin.
VDD
1.14
1.2
1.26
V
Power supply for charge pumps
(for normal operation and
programming) for the 005, 010,
025, 050, 060 devices
VPP
2.375
2.5
2.625
V
2.5 V range
3.15
3.3
3.45
V
3.3 V range
Power supply for charge pumps (for
normal operation and programming)
for the 090 and 150 devices
VPP
3.15
3.3
3.45
V
3.3 V range
Analog power pad for MDDR PLL
MSS_MDDR_PLL_VDDA
2.375
2.5
2.625
V
2.5 V range
3.15
3.3
3.45
V
3.3 V range
Analog power pad for MDDR PLL
HPMS_MDDR_PLL_VDDA
2.375
2.5
2.625
V
2.5 V range
3.15
3.3
3.45
V
3.3 V range
Analog power pad for FDDR PLL
FDDR_PLL_VDDA
2.375
2.5
2.625
V
2.5 V range
3.15
3.3
3.45
V
3.3 V range
Analog power pad for MDDR PLL
PLL0_PLL1_MSS_MDDR_V
DDA
2.375
2.5
2.625
V
2.5 V range
3.15
3.3
3.45
V
3.3 V range
Analog power pad for MDDR PLL
PLL0_PLL1_HPMS_MDDR_
VDDA
2.375
2.5
2.625
V
2.5 V range
3.15
3.3
3.45
V
3.3 V range
Analog power pad for PLL0 to PLL5
CCC_XX[01]_PLL_VDDA
2.375
2.5
2.625
V
2.5 V range
3.15
3.3
3.45
V
3.3 V range
High supply voltage for PLL
SerDes[01]
SERDES_[01]_PLL_VDDA
2.375
2.5
2.625
V
2.5 V range
3.15
3.3
3.45
V
3.3 V range
Analog power for SerDes[01] PLL
Lane 0 to Lane 3. This is a 2.5 V
SerDes internal PLL supply.
SERDES_[01]_L[0123]_VD
DAPLL
2.375
2.5
2.625
V
TX/RX analog I/O voltage. Low
voltage power for the lanes of
SerDesIF0. This is a 1.2 V SerDes
PMA supply.
SERDES_[01]_L[0123]_VD
DAIO
1.14
1.2
1.26
V
PCIe/PCS power supply
SERDES_[01]_VDD
1.14
1.2
1.26
V
1.2 V DC supply voltage
VDDIx
1.14
1.2
1.26
V
1.5 V DC supply voltage
VDDIx
1.425
1.5
1.575
V
1.8 V DC supply voltage
VDDIx
1.71
1.8
1.89
V
2.5 V DC supply voltage
VDDIx
2.375
2.5
2.625
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com