Electronic Components Datasheet Search
  English  ▼

X  

DS0128 Datasheet(PDF) 16 Page - Microsemi Corporation

Part # DS0128
Description  IGLOO2 FPGA and SmartFusion2 SoC FPGA
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

DS0128 Datasheet(HTML) 16 Page - Microsemi Corporation

Back Button DS0128 Datasheet HTML 12Page - Microsemi Corporation DS0128 Datasheet HTML 13Page - Microsemi Corporation DS0128 Datasheet HTML 14Page - Microsemi Corporation DS0128 Datasheet HTML 15Page - Microsemi Corporation DS0128 Datasheet HTML 16Page - Microsemi Corporation DS0128 Datasheet HTML 17Page - Microsemi Corporation DS0128 Datasheet HTML 18Page - Microsemi Corporation DS0128 Datasheet HTML 19Page - Microsemi Corporation DS0128 Datasheet HTML 20Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 140 page
background image
IGLOO2 FPGA and SmartFusion2 SoC FPGA
Microsemi Proprietary and Confidential DS0128 Datasheet Revision 12.0
6
2.2
References
The following documents are recommended references:
•
PB0121: IGLOO2 Product Brief
•
DS0124: IGLOO2 Pin Descriptions
•
PB0115: SmartFusion2 SoC FPGA Product Brief
•
DS0115: SmartFusion2 Pin Descriptions
All product documentation for IGLOO2 and SmartFusion2 is available at:
http://www.microsemi.com/products/fpga-soc/fpga/igloo2-fpga
http://www.microsemi.com/products/fpga-soc/soc-fpga/smartfusion2#overview
2.3
Electrical Specifications
2.3.1
Operating Conditions
The following table lists the stress limits. Stress applied above the specified limit may cause permanent
damage to the device. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Absolute maximum ratings are stress ratings only; functional operation of the device at these or any
other conditions beyond those listed under the recommended operating conditions specified in the
following table are not implied.
Table 3 •
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Unit
DC core supply voltage. Must always power this pin.
VDD
–0.3
1.32
V
Power supply for charge pumps (for normal operation
and programming). Must always power this pin.
VPP
–0.3
3.63
V
Analog power pad for MDDR PLL
MSS_MDDR_PLL_VDDA
–0.3
3.63
V
Analog power pad for MDDR PLL
HPMS_MDDR_PLL_VDDA
–0.3
3.63
V
Analog power pad for FDDR PLL
FDDR_PLL_VDDA
–0.3
3.63
V
Analog power pad for MDDR PLL
PLL0_PLL1_MSS_MDDR_VDDA
–0.3
3.63
V
Analog power pad for MDDR PLL
PLL0_PLL1_HPMS_MDDR_VDDA –0.3
3.63
V
Analog power pad for PLL0–5
CCC_XX[01]_PLL_VDDA
–0.3
3.63
V
High supply voltage for PLL SerDes[01]
SERDES_[01]_PLL_VDDA
–0.3
3.63
V
Analog power for SerDes[01] PLL lane0 to lane3.
This is a 2.5 V SerDes internal PLL supply.
SERDES_[01]_L[0123]_VDDAPLL –0.3
2.75
V
TX/RX analog I/O voltage. Low voltage power for the
lanes of SerDesIF0. This is a 1.2 V SerDes PMA supply.
SERDES_[01]_L[0123]_VDDAIO
–0.3
1.32
V
PCIe/PCS power supply
SERDES_[01]_VDD
–0.3
1.32
V
DC FPGA I/O buffer supply voltage for MSIO I/O bank
VDDIx
–0.3
3.63
V
DC FPGA I/O buffer supply voltage for MSIOD/DDRIO
I/O banks
VDDIx
–0.3
2.75
V
I/O Input voltage for MSIO I/O bank
VI
–0.3
3.63
V
I/O Input voltage for MSIOD/DDRIO I/O bank
VI
–0.3
2.75
V
Analog sense circuit supply of embedded nonvolatile
memory (eNVM). Must be shorted to VPP.
VPPNVM
–0.3
3.63
V
Storage temperature1
TSTG
–65
150
°C
Junction temperature
TJ
–55
135
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com