Electronic Components Datasheet Search
  English  ▼

X  

DS0128 Datasheet(PDF) 91 Page - Microsemi Corporation

Part # DS0128
Description  IGLOO2 FPGA and SmartFusion2 SoC FPGA
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

DS0128 Datasheet(HTML) 91 Page - Microsemi Corporation

Back Button DS0128 Datasheet HTML 87Page - Microsemi Corporation DS0128 Datasheet HTML 88Page - Microsemi Corporation DS0128 Datasheet HTML 89Page - Microsemi Corporation DS0128 Datasheet HTML 90Page - Microsemi Corporation DS0128 Datasheet HTML 91Page - Microsemi Corporation DS0128 Datasheet HTML 92Page - Microsemi Corporation DS0128 Datasheet HTML 93Page - Microsemi Corporation DS0128 Datasheet HTML 94Page - Microsemi Corporation DS0128 Datasheet HTML 95Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 140 page
background image
IGLOO2 FPGA and SmartFusion2 SoC FPGA
Microsemi Proprietary and Confidential DS0128 Datasheet Revision 12.0
81
The following table lists the RAM1K18 – dual-port mode for depth × width configuration 4K × 4 in worst
commercial-case conditions when TJ = 85 °C, VDD = 1.14 V.
Address setup time
TADDRSU
0.475
0.559
ns
Address hold time
TADDRHD
0.274
0.322
ns
Data setup time
TDSU
0.336
0.395
ns
Data hold time
TDHD
0.082
0.096
ns
Block select setup time
TBLKSU
0.207
0.244
ns
Block select hold time
TBLKHD
0.216
0.254
ns
Block select to out disable time (when pipelined register is
disabled)
TBLK2Q
1.529
1.799 ns
Block select minimum pulse width
TBLKMPW
0.186
0.219
ns
Read enable setup time
TRDESU
0.485
0.57
ns
Read enable hold time
TRDEHD
0.071
0.083
ns
Pipelined read enable setup time (A_DOUT_EN,
B_DOUT_EN)
TRDPLESU
0.248
0.291
ns
Pipelined read enable hold time (A_DOUT_EN,
B_DOUT_EN)
TRDPLEHD
0.102
0.12
ns
Asynchronous reset to output propagation delay
TR2Q
1.514
1.781 ns
Asynchronous reset removal time
TRSTREM
0.506
0.595
ns
Asynchronous reset recovery time
TRSTREC
0.004
0.005
ns
Asynchronous reset minimum pulse width
TRSTMPW
0.301
0.354
ns
Pipelined register asynchronous reset removal time
TPLRSTREM
–0.279
–0.328
ns
Pipelined register asynchronous reset recovery time
TPLRSTREC
0.327
0.385
ns
Pipelined register asynchronous reset minimum pulse width
TPLRSTMPW
0.282
0.332
ns
Synchronous reset setup time
TSRSTSU
0.226
0.265
ns
Synchronous reset hold time
TSRSTHD
0.036
0.043
ns
Write enable setup time
TWESU
0.415
0.488
ns
Write enable hold time
TWEHD
0.048
0.057
ns
Maximum frequency
FMAX
400
340
MHz
Table 233 • RAM1K18 – Dual-Port Mode for Depth × Width Configuration 4K × 4
Parameter
Symbol
–1
–Std
Unit
Min
Max
Min
Max
Clock period
TCY
2.5
2.941
ns
Clock minimum pulse width high
TCLKMPWH
1.125
1.323
ns
Clock minimum pulse width low
TCLKMPWL
1.125
1.323
ns
Pipelined clock period
TPLCY
2.5
2.941
ns
Pipelined clock minimum pulse width high
TPLCLKMPWH
1.125
1.323
ns
Table 232 • RAM1K18 – Dual-Port Mode for Depth × Width Configuration 2K × 9 (continued)
Parameter
Symbol
–1
–Std
Unit
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com