Electronic Components Datasheet Search
  English  ▼

X  

DS0128 Datasheet(PDF) 75 Page - Microsemi Corporation

Part # DS0128
Description  IGLOO2 FPGA and SmartFusion2 SoC FPGA
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

DS0128 Datasheet(HTML) 75 Page - Microsemi Corporation

Back Button DS0128 Datasheet HTML 71Page - Microsemi Corporation DS0128 Datasheet HTML 72Page - Microsemi Corporation DS0128 Datasheet HTML 73Page - Microsemi Corporation DS0128 Datasheet HTML 74Page - Microsemi Corporation DS0128 Datasheet HTML 75Page - Microsemi Corporation DS0128 Datasheet HTML 76Page - Microsemi Corporation DS0128 Datasheet HTML 77Page - Microsemi Corporation DS0128 Datasheet HTML 78Page - Microsemi Corporation DS0128 Datasheet HTML 79Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 140 page
background image
IGLOO2 FPGA and SmartFusion2 SoC FPGA
Microsemi Proprietary and Confidential DS0128 Datasheet Revision 12.0
65
AC Switching Characteristics
Worst commercial-case conditions: TJ = 85 °C, VDD = 1.14 V, VDDI = 2.375 V.
2.3.8 I/O Register Specifications
This section describes input and output register specifications.
2.3.8.1 Input Register
Figure 6 •
Timing Model for Input Register
Table 216 • LVPECL DC Differential Voltage Specification
Parameter
Symbol
Min
Typ
Max
Unit
Input common mode voltage
VICM
0.3
2.8
V
Input differential voltage
VIDIFF
100
300
1,000
mV
Table 217 • LVPECL Minimum and Maximum AC Switching Speeds
Parameter
Symbol
Max
Unit
Maximum data rate
DMAX
900
Mbps
Table 218 • LVPECL Receiver Characteristics for MSIO I/O Bank
On-Die Termination (ODT)
TPY
Unit
–1
–Std
None
2.572
3.025
ns
100
2.569
3.023
ns
SLE
D
EN
ALn
ADn
SLn
SD
LAT
CLK
Q
EN
ALn
ADn
SLn
SD
LAT
CLK
Q
D
G
A
B
C
D
E
F
Input I/O Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com