Electronic Components Datasheet Search
  English  ▼

X  

DS0128 Datasheet(PDF) 69 Page - Microsemi Corporation

Part # DS0128
Description  IGLOO2 FPGA and SmartFusion2 SoC FPGA
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

DS0128 Datasheet(HTML) 69 Page - Microsemi Corporation

Back Button DS0128 Datasheet HTML 65Page - Microsemi Corporation DS0128 Datasheet HTML 66Page - Microsemi Corporation DS0128 Datasheet HTML 67Page - Microsemi Corporation DS0128 Datasheet HTML 68Page - Microsemi Corporation DS0128 Datasheet HTML 69Page - Microsemi Corporation DS0128 Datasheet HTML 70Page - Microsemi Corporation DS0128 Datasheet HTML 71Page - Microsemi Corporation DS0128 Datasheet HTML 72Page - Microsemi Corporation DS0128 Datasheet HTML 73Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 140 page
background image
IGLOO2 FPGA and SmartFusion2 SoC FPGA
Microsemi Proprietary and Confidential DS0128 Datasheet Revision 12.0
59
AC Switching Characteristics
Worst commercial-case conditions: TJ = 85 °C, VDD = 1.14 V, VDDI = 2.375 V.
2.3.7.3 M-LVDS
M-LVDS specifications extend the existing LVDS standard to high-performance multipoint bus
applications. Multidrop and multipoint bus configurations may contain any combination of drivers,
receivers, and transceivers.
Minimum and Maximum Input and Output Levels
Table 180 • B-LVDS AC Switching Characteristics for Receiver for MSIO I/O
Bank (Input Buffers)
On-Die Termination (ODT)
TPY
Unit
–1
–Std
None
2.738
3.221
ns
100
2.735
3.218
ns
Table 181 • B-LVDS AC Switching Characteristics for Receiver for MSIOD I/O
Bank (Input Buffers)
On-Die Termination (ODT)
TPY
Unit
–1
–Std
None
2.495
2.934
ns
100
2.495
2.935
ns
Table 182 • B-LVDS AC Switching Characteristics for Transmitter (for MSIO I/O Bank - Output and
Tristate Buffers)
TDP
TZL
TZH
THZ
TLZ
Unit
–1
–Std
–1
–Std
–1
–Std
–1
–Std
–1
–Std
2.258
2.656
2.343
2.756
2.329
2.74
2.12
2.494
2.123
2.497
ns
Table 183 • M-LVDS Recommended DC Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Supply voltage1
1.
Only M-LVDS TYPE I is supported.
VDDI
2.375
2.5
2.625
V
Table 184 • M-LVDS DC Input Voltage Specification
Parameter
Symbol
Min
Max
Unit
DC input voltage
VI
02.925
V
Input current high1
1.
See
Table 24, page 23.
IIH (DC)
Input current low2
IIL (DC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com