Electronic Components Datasheet Search
  English  ▼

X  

DS0128 Datasheet(PDF) 27 Page - Microsemi Corporation

Part # DS0128
Description  IGLOO2 FPGA and SmartFusion2 SoC FPGA
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

DS0128 Datasheet(HTML) 27 Page - Microsemi Corporation

Back Button DS0128 Datasheet HTML 23Page - Microsemi Corporation DS0128 Datasheet HTML 24Page - Microsemi Corporation DS0128 Datasheet HTML 25Page - Microsemi Corporation DS0128 Datasheet HTML 26Page - Microsemi Corporation DS0128 Datasheet HTML 27Page - Microsemi Corporation DS0128 Datasheet HTML 28Page - Microsemi Corporation DS0128 Datasheet HTML 29Page - Microsemi Corporation DS0128 Datasheet HTML 30Page - Microsemi Corporation DS0128 Datasheet HTML 31Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 140 page
background image
IGLOO2 FPGA and SmartFusion2 SoC FPGA
Microsemi Proprietary and Confidential DS0128 Datasheet Revision 12.0
17
FTDP
Propagation delay of an OR gate
0.179
ns
See Table 223, page 76
GTDP
Propagation delay of an LVDS
transmitter
2.136
ns
See Table 169, page 57
HTDP
Propagation delay of a three-input XOR
Gate
0.241
ns
See Table 223, page 76
ITDP
Propagation delay of LVCMOS 2.5 V
transmitter, drive strength of 16 mA on
the MSIO bank
2.412
ns
See Table 46, page 28
JTDP
Propagation delay of a two-input NAND
gate
0.179
ns
See Table 223, page 76
KTDP
Propagation delay of LVCMOS 2.5 V
transmitter, drive strength of 8 mA on
the MSIO bank
2.309
ns
See Table 46, page 28
LTCLKQ
Clock-to-Q of the data register
0.108
ns
See Table 224, page 77
TSUD
Setup time of the data register
0.254
ns
See Table 224, page 77
MTDP
Propagation delay of a two-input AND
gate
0.179
ns
See Table 223, page 76
NTOCLKQ
Clock-to-Q of the output data register
0.263
ns
See Table 220, page 69
TOSUD
Setup time of the output data register
0.19
ns
See Table 220, page 69
OTDP
Propagation delay of SSTL2, Class I
transmitter on the MSIO bank
2.055
ns
See Table 114, page 46
PTDP
Propagation delay of LVCMOS 1.5 V
transmitter, drive strength of 12 mA,
fast slew on the DDRIO bank
3.316
ns
See Table 70, page 35
Table 17 •
Timing Model Parameters (continued)
Index
Symbol
Description
–1
Unit
For More Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com