Electronic Components Datasheet Search
  English  ▼

X  

DS0128 Datasheet(PDF) 28 Page - Microsemi Corporation

Part # DS0128
Description  IGLOO2 FPGA and SmartFusion2 SoC FPGA
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

DS0128 Datasheet(HTML) 28 Page - Microsemi Corporation

Back Button DS0128 Datasheet HTML 24Page - Microsemi Corporation DS0128 Datasheet HTML 25Page - Microsemi Corporation DS0128 Datasheet HTML 26Page - Microsemi Corporation DS0128 Datasheet HTML 27Page - Microsemi Corporation DS0128 Datasheet HTML 28Page - Microsemi Corporation DS0128 Datasheet HTML 29Page - Microsemi Corporation DS0128 Datasheet HTML 30Page - Microsemi Corporation DS0128 Datasheet HTML 31Page - Microsemi Corporation DS0128 Datasheet HTML 32Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 140 page
background image
IGLOO2 FPGA and SmartFusion2 SoC FPGA
Microsemi Proprietary and Confidential DS0128 Datasheet Revision 12.0
18
2.3.5
User I/O Characteristics
There are three types of I/Os supported in the IGLOO2 FPGA and SmartFusion2 SoC FPGA families:
MSIO, MSIOD, and DDRIO I/O banks. The I/O standards supported by the different I/O banks is
described in the I/Os section of the UG0445: IGLOO2 FPGA and SmartFusion2 SoC FPGA Fabric User
Guide.
2.3.5.1
Input Buffer and AC Loading
The following figure shows the input buffer and AC loading.
Figure 3 •
Input Buffer AC Loading
TPY
(R)
IN
Y
GND
TPY
(F)
TPYS
(R)
TPYS
(F)
50%
50%
PAD
Y
TPY
VIH
VCCA
VTRIP
VTRIP
VIL
TPYS
TPY = MAX(TPY(R), TPY(F))
IN
TPYS = MAX(TPYS(R), TPYS(F))
Note: TPYS = Schmitt Trigger Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com