Electronic Components Datasheet Search
  English  ▼

X  

DS0128 Datasheet(PDF) 71 Page - Microsemi Corporation

Part # DS0128
Description  IGLOO2 FPGA and SmartFusion2 SoC FPGA
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

DS0128 Datasheet(HTML) 71 Page - Microsemi Corporation

Back Button DS0128 Datasheet HTML 67Page - Microsemi Corporation DS0128 Datasheet HTML 68Page - Microsemi Corporation DS0128 Datasheet HTML 69Page - Microsemi Corporation DS0128 Datasheet HTML 70Page - Microsemi Corporation DS0128 Datasheet HTML 71Page - Microsemi Corporation DS0128 Datasheet HTML 72Page - Microsemi Corporation DS0128 Datasheet HTML 73Page - Microsemi Corporation DS0128 Datasheet HTML 74Page - Microsemi Corporation DS0128 Datasheet HTML 75Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 140 page
background image
IGLOO2 FPGA and SmartFusion2 SoC FPGA
Microsemi Proprietary and Confidential DS0128 Datasheet Revision 12.0
61
2.3.7.4 Mini-LVDS
Mini-LVDS is an unidirectional interface from the timing controller to the column drivers and is designed
to the Texas Instruments Standard SLDA007A.
Mini-LVDS Minimum and Maximum Input and Output Levels
Table 192 • M-LVDS AC Switching Characteristics for Transmitter (for MSIO I/O Bank - Output and Tristate
Buffers)
TDP
TZL
TZH
THZ
TLZ
Unit
–1
–Std
–1
–Std
–1
–Std
–1
–Std
–1
–Std
2.258
2.656
2.348
2.762
2.334
2.746
2.123
2.497
2.125
2.5
ns
Table 193 • Mini-LVDS Recommended DC Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Supply voltage
VDDI
2.375
2.5
2.625
V
Table 194 • Mini-LVDS DC Input Voltage Specification
Parameter
Symbol
Min
Max
Unit
DC Input voltage
VI
02.925
V
Table 195 • Mini-LVDS DC Output Voltage Specification
Parameter
Symbol Min
Typ
Max
Unit
DC output logic high
VOH
1.25
1.425
1.6
V
DC output logic low
VOL
0.9
1.075
1.25
V
Table 196 • Mini-LVDS DC Differential Voltage Specification
Parameter
Symbol Min
Max
Unit
Differential output voltage swing
VOD
300
600
mV
Output common mode voltage
VOCM
1
1.4
V
Input common mode voltage
VICM
0.3
1.2
V
Input differential voltage
VID
100
600
mV
Table 197 • Mini-LVDS Minimum and Maximum AC Switching Speed
Parameter
Symbol
Max
Unit
Conditions
Maximum data rate (for MSIO I/O bank)
DMAX
520
Mbps
AC loading: 2 pF / 100
 differential load
Maximum data rate (for MSIOD I/O bank)
DMAX
700
Mbps
AC loading: 2 pF / 100
 differential load
Table 198 • Mini-LVDS AC Impedance Specifications
Parameter
Symbol
Typ
Unit
Termination resistance
RT
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com