Electronic Components Datasheet Search
  English  ▼

X  

AMD-766AC Datasheet(PDF) 33 Page - Advanced Micro Devices

Part # AMD-766AC
Description  Peripheral Bus Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-766AC Datasheet(HTML) 33 Page - Advanced Micro Devices

Back Button AMD-766AC Datasheet HTML 29Page - Advanced Micro Devices AMD-766AC Datasheet HTML 30Page - Advanced Micro Devices AMD-766AC Datasheet HTML 31Page - Advanced Micro Devices AMD-766AC Datasheet HTML 32Page - Advanced Micro Devices AMD-766AC Datasheet HTML 33Page - Advanced Micro Devices AMD-766AC Datasheet HTML 34Page - Advanced Micro Devices AMD-766AC Datasheet HTML 35Page - Advanced Micro Devices AMD-766AC Datasheet HTML 36Page - Advanced Micro Devices AMD-766AC Datasheet HTML 37Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 96 page
background image
Preliminary Information
23167B – March 2001
AMD-766
TM Peripheral Bus Controller Data Sheet
33
5.2
PCI-ISA Bridge Configuration Registers (C0Axx)
These registers are in PCI configuration space, function 0. See section 5.1.2 for a description of the register naming
convention.
C0A00: PCI-ISA Bridge Vendor And Device ID
Configuration space; function 0; offset: 03-00h. Default: 7410 1022h. Read only.
31:16
15:0
DID
VID
VID. Vendor ID.
DID. PCI-ISA/LPC bridge device ID.
C0A04: PCI-ISA Bridge Status And Command Register
Configuration space; function 0; offset: 07-04h. Default: 0200 000Fh.
31:16
15:0
STATUS[15:0]
COMMAND[15:0]
COMMAND[2:0] IO, memory and master enable. Read only. Hardwired in the enabled state.
COMMAND[3] Special Cycle Enable, SPCYCEN. Read-write. 1=The IC responds to PCI shutdown special
cycles by generating a pulse over either CPURST# or INIT# (based on the state of C0A47[CPURS]). 0=The IC
ignores PCI shutdown special cycles.
COMMAND[15:4]. Read only. These bits are fixed at their default values.
STATUS[11:0]. Read only. These bits are fixed at their default values.
STATUS[12] Received Target Abort, RTGTABT. Read; set by hardware; write 1 to clear. 1=The PCI-ISA bridge
received a target abort while master of the PCI bus.
STATUS[13] Received Master Abort, RMASABT. Read; set by hardware; write 1 to clear. 1=The PCI-ISA
bridge received a master abort while master of the PCI bus.
STATUS[15:14]. Read only. These bits are fixed at their default values.
C0A08: PCI-ISA Bridge Revision And Class Code Register
Configuration space; function 0; offset: 0B-08h. Default: 0601 0001h. Read only.
31:8
7:0
CLASSCODE
REVISION
REVISION. PCI-ISA bridge silicon revision.
CLASSCODE. Provides the bridge class code as defined in the PCI specification.
C0A0C: PCI-ISA Bridge BIST-Header-Latency-Cache Register
Configuration space; function 0; offset: 0F-0Ch. Default: 0080 0000h. Read only.
31:24
23:16
15:8
7:0
BIST
HEADER
LATENCY
CACHE
CACHE, LATENCY, HEADER, BIST. These bits are fixed at their default values.
C0A2C: PCI-ISA Bridge Subsystem ID and Subsystem Vendor ID Register
Configuration space; function 0; offset: 2F-2Ch. Default: 0000_0000h. Read only.
31:16
15:0
SSID
SSVENDORID
SSVENDORID and SSID. Subsystem vendor ID and subsystem ID registers. This register is write accessible
through C0A70.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com