Electronic Components Datasheet Search
  English  ▼

X  

AMD-766AC Datasheet(PDF) 12 Page - Advanced Micro Devices

Part # AMD-766AC
Description  Peripheral Bus Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-766AC Datasheet(HTML) 12 Page - Advanced Micro Devices

Back Button AMD-766AC Datasheet HTML 8Page - Advanced Micro Devices AMD-766AC Datasheet HTML 9Page - Advanced Micro Devices AMD-766AC Datasheet HTML 10Page - Advanced Micro Devices AMD-766AC Datasheet HTML 11Page - Advanced Micro Devices AMD-766AC Datasheet HTML 12Page - Advanced Micro Devices AMD-766AC Datasheet HTML 13Page - Advanced Micro Devices AMD-766AC Datasheet HTML 14Page - Advanced Micro Devices AMD-766AC Datasheet HTML 15Page - Advanced Micro Devices AMD-766AC Datasheet HTML 16Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 96 page
background image
Preliminary Information
23167B – March 2001
AMD-766
TM Peripheral Bus Controller Data Sheet
12
Pin name and description
IO cell
type
Power
plane
During
Reset
Post
Reset
POS
GPIO[31:17, 9, 2]. General purpose IO pins. See section 4.6.5 for details
about these pins. All GPIO pins are configured by PM[FF:F4 and D3:C0]
where the default function is specified. GPIO pins remain functional
during sleep states.
MSIRQ. Mouse interrupt request output (alternate function to GPIO17;
selected by PMD1). This is the mouse IRQ from the USB keyboard
emulation logic.
PNPIRQ[2:0]. Plug and play interrupt request [2:0] inputs (alternate
function to GPIO[20:18]; selected by PM[F4, D3, D2]). These may be
assigned to control the IRQ signals to the interrupt routing table shown in
section 4.3.2. They are controlled by C3A44.
BMREQ#. PCI bus master request input (alternate function to GPIO21;
selected by PMF5). This is intended to be the OR of the external PCI bus
request signals. If this function is selected by PMF5, then it controls the
PM00[BM_STS] status bit (if not, then IRQ[11:9, 7:3] are selected to be
the PCI REQ# signals). BMREQ# is treated as an asynchronous input.
PNPCS[1:0]#. Plug and play chip select [1:0] outputs (alternate function
to GPIO[23:22]; selected by PM[F7:F6]). These are programmable chip
select for external ISA bus devices. They becomes active during ISA bus
cycles to memory space or IO space as specified by C3A46[CS[1:0]MEM
and CS[1:0]IO]. They are valid for at least 1 PCLK cycle before and after
the ISA-bus command signal (IOR#, IOW#, MEMR#, or MEMW#).
PNPCS1#. Output; plug and play chip select 1 (alternate function to
GPIO23; selected by PMF7). This is designed to be a programmable chip
select to external ISA bus devices. It becomes active during ISA bus
cycles to memory space or IO space as specified by C3A46[CS1MEM and
CS1IO]. It is guaranteed to be valid before and after the ISA-bus
command signal.
IO
VDD3
-
-
Functio
nal
INTIRQ8#. Real time clock interrupt output. This is the interrupt output
from the IC’s real-time clock. This pin may also be configured as GPIO16
by PMD0.
SQWAVE. Square wave clock output (alternate function to INTIRQ8#;
selected by PMD0). This is a square wave output, the frequency for which
is specified by C3A4E.
Output,
IO
VDD3
High
High
Func.
INTRUDER#. Intruder detection. This controls PM46[INTRDR_STS].
This pin is not 5-volt tolerant.
Input
VDD_
AL
Input
Input
Input
PCISTOP#. PCI bus clock stop output. This may be used to control the
system clock chip to control the PCI bus clock signals. It is controlled by
C3A50. This pin may also be configured as GPIO7 by PMC7.
IO
VDD3
High
High
Func.
PME#. Power management interrupt. This pin may be used to generate
SMI or SCI interrupts and resume events. It controls PM20[PME_STS].
Input
VDD_
AUX
---
PRDY. Processor ready. When this is asserted, the IC freezes the timers
specified by C3A4C.
Input,
IO
VDD3
-
-
-
PWRBTN#. Power button. This may be used to control the automatic
transition from a sleep state to FON. It controls PM00[PWRBTN_STS].
Also, if it is asserted for four seconds from any state other than SOFF, then
Input
VDD_
AUX
---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com