Electronic Components Datasheet Search
  English  ▼

X  

AMD-766AC Datasheet(PDF) 65 Page - Advanced Micro Devices

Part # AMD-766AC
Description  Peripheral Bus Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-766AC Datasheet(HTML) 65 Page - Advanced Micro Devices

Back Button AMD-766AC Datasheet HTML 61Page - Advanced Micro Devices AMD-766AC Datasheet HTML 62Page - Advanced Micro Devices AMD-766AC Datasheet HTML 63Page - Advanced Micro Devices AMD-766AC Datasheet HTML 64Page - Advanced Micro Devices AMD-766AC Datasheet HTML 65Page - Advanced Micro Devices AMD-766AC Datasheet HTML 66Page - Advanced Micro Devices AMD-766AC Datasheet HTML 67Page - Advanced Micro Devices AMD-766AC Datasheet HTML 68Page - Advanced Micro Devices AMD-766AC Datasheet HTML 69Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 96 page
background image
Preliminary Information
23167B – March 2001
AMD-766
TM Peripheral Bus Controller Data Sheet
65
C3A60: System Management Class Code Write Register
Configuration space; function 3; offset: 63-60h. Default: 0000_0000h. Read-write.
31:8
7:0
CCWRITE
Reserved
CCWRITE. The value placed in this register is visible in C3A08[CLASSCODE].
C3AA0: Serial Port Trap Address Register
Configuration space; function 3; offset: A3-A0h. Default: 02F8_03F8h. Read-write.
C3AA0 along with C3AA4 specify the address for COMA and COMB trap events. These events may be used to
generate an SMIs or SCIs or reload the system inactivity timer. The COMA and COMB trap events occur when the
following equations are true:
COMA trap event: AD[15:0] | MASKCA == ADDRCA | MASKCA;
COMB trap event: AD[15:0] | MASKCB == ADDRCB | MASKCB;
Where AD is the address phase of a PCI bus IO cycle. It is not necessary for the cycle to be targeted at the IC. The
mask bits cover of bits[7:0] .
31:16
15:0
ADDRCB
ADDRCA
ADDRCA and ADDRCB. Address for the COMA and COMB trap events.
C3AA4: Serial Port Trap Mask Register
Configuration space; function 3; offset: A5-A4h. Default: 0F0Fh. Read-write.
15:8
7:0
MASKCB
MASKCA
MASKCA and MASKCB. Address mask for the COMA and COMB trap events. See C3AA0 for details.
C3AA8: Audio Port 1 and 2 Trap Address Register
Configuration space; function 3; offset: AB-A8h. Default: 0330_0220h. Read-write.
C3AA8, C3AAC, and C3AB0 combine to specify the audio trap event. This event may be used to generate an SMIs
or SCIs or reload the system inactivity timer. The audio trap event occurs when the following equation is true:
Audio trap event:
(AD[15:0] | MASKAUD1 == ADDRAUD1 | MASKAUD1) & (PCI IO space access)
| (AD[15:0] | MASKAUD2 == ADDRAUD2 | MASKAUD2) & (PCI IO space access)
| (AD[15:0] | MASKAUD3 == ADDRAUD3 | MASKAUD3) & (PCI IO space access)
| (AD[15:0] | MASKAUD4 == ADDRAUD4 | MASKAUD4) & (PCI IO space access);
Where AD is the address phase of a PCI bus IO cycle. It is not necessary for the cycle to be targeted at the IC. The
mask bits cover bits[7:0] .
31:16
15:0
ADDRAUD2
ADDRAUD1
ADDRAUD1 and ADDRAUD2. Address for the audio trap events 1 and 2.
C3AAC: Audio Port 3 and 4 Trap Address Register
Configuration space; function 3; offset: AF-ACh. Default: 0388_0530h. Read-write.
31:16
15:0
ADDRAUD4
ADDRAUD3
ADDRAUD3 and ADDRAUD4. Address for the audio trap events 3 and 4. See C3AA8 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com