Electronic Components Datasheet Search
  English  ▼

X  

AMD-766AC Datasheet(PDF) 76 Page - Advanced Micro Devices

Part # AMD-766AC
Description  Peripheral Bus Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-766AC Datasheet(HTML) 76 Page - Advanced Micro Devices

Back Button AMD-766AC Datasheet HTML 72Page - Advanced Micro Devices AMD-766AC Datasheet HTML 73Page - Advanced Micro Devices AMD-766AC Datasheet HTML 74Page - Advanced Micro Devices AMD-766AC Datasheet HTML 75Page - Advanced Micro Devices AMD-766AC Datasheet HTML 76Page - Advanced Micro Devices AMD-766AC Datasheet HTML 77Page - Advanced Micro Devices AMD-766AC Datasheet HTML 78Page - Advanced Micro Devices AMD-766AC Datasheet HTML 79Page - Advanced Micro Devices AMD-766AC Datasheet HTML 80Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 96 page
background image
Preliminary Information
23167B – March 2001
AMD-766
TM Peripheral Bus Controller Data Sheet
76
PM30: Miscellaneous SMI Status Register
IO mapped (base pointer: C3A58); offset: 31-30h. Default: 0000h. Read; set by hardware; write 1 to clear.
Each of these status bits may be enabled to generate SMI interrupts via PM32.
15
14
13
12
11
10
9
8
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
765
43210
Reserved
Reserved
Reserved
64MS_STS
1MIN_STS
SIRQSMI_STS
RWR_STS
SLPCMD_STS
SLPCMD_STS. Sleep command status. 1=A write occurred to PM04 with bit[13], SLP_EN, set high.
RWR_STS. BIOS ROM write enable status. 1=C0A40[RWR] was written from a 0 to a 1.
SIRQSMI_STS. Serial IRQ SMI status. 1=SMI interrupt was initiated from the serial IRQ logic from the SERIRQ
pin.
1MIN_STS. One minute status bit. 1=One minute expired. After entering the FON state, this bit is set every 60 +/-
4 seconds.
64MS_STS. 64 millisecond timer status. 1=64 milliseconds expired. After PM32[64MS_EN] is set high, the 64
millisecond timer sets this bit every 64 +/- 4 milliseconds. The timer does not stop after this bit is set.
PM32: Miscellaneous SMI Enable Register
IO mapped (base pointer: C3A58); offset: 33-32h. Default: 0000h.
For each of the bits in this register: 1=enable a corresponding status bit in PM30 to generate an SMI interrupt. 0=Do
not enable the SMI interrupt.
15
14
13
12
11
10
9
8
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
765
43210
Reserved
Reserved
Reserved
64MS_EN
1MIN_EN
SIRQSMI_EN
RWR_EN
SLPCMD_EN
SLPCMD_EN. Enable SMI on sleep command. Read-write. Note: When this bit is high and the sleep command is
sent to PM04, the system power state is disabled from changing. It is expected that the SMI interrupt service routine
clears PM30[SLPCMD_STS], clears this bit, and then re-issues the command in order to change the power state.
RWR_EN. BIOS ROM write enable SMI enable. Read, write to 1 only. Once this bit is set, it may only be cleared
by PCIRST#.
SIRQSMI_EN. Serial IRQ SMI enable. Read-write.
1MIN_EN. One minute SMI enable. Read-write.
64MS_EN. 64 millisecond SMI enable. Read-write. 1=Enable PM32[64MS_STS] to generate SMI interrupts and
enable the 64 millisecond timer. 0=The 64 millisecond timer is cleared.
PM38: IO Cycle Tracker Register
IO mapped (base pointer: C3A58); offset: 3B-38h. Default: 0000_0000h. Read only.
31:20
19:16
15:0
Reserved
TKRCMD
TKRADDR
TDRADDR. Tracker address. Contains the lower 16 bits of the PCI bus address phase for the last transaction before
SMI was asserted. This may be used to determine the IO access that triggered an SMI.
TDRCMD. Tracker command. Contains the PCI bus command for the last transaction before SMI was asserted.
PM40: TCO Timer Reload and Current Value Register
IO mapped (base pointer: C3A58); offset: 40h. Default: 04h. Read; write command.
The TCO timer is a 6-bit down counter that is clocked approximately every 0.6 seconds providing times of up to 38
seconds. If it counts past zero, PM44[TOUT_STS] is set, the timer rolls over to the value in PM41, and the timer
continues counting.
7:6
5:0
Reserved
TCORLD
TCORLD. TCO timer. Reads from this register return the current count of the TCO timer. Writes of any value
cause the TCO timer to be reloaded with the value in PM41.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com