Electronic Components Datasheet Search
  English  ▼

X  

AMD-766AC Datasheet(PDF) 87 Page - Advanced Micro Devices

Part # AMD-766AC
Description  Peripheral Bus Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-766AC Datasheet(HTML) 87 Page - Advanced Micro Devices

Back Button AMD-766AC Datasheet HTML 83Page - Advanced Micro Devices AMD-766AC Datasheet HTML 84Page - Advanced Micro Devices AMD-766AC Datasheet HTML 85Page - Advanced Micro Devices AMD-766AC Datasheet HTML 86Page - Advanced Micro Devices AMD-766AC Datasheet HTML 87Page - Advanced Micro Devices AMD-766AC Datasheet HTML 88Page - Advanced Micro Devices AMD-766AC Datasheet HTML 89Page - Advanced Micro Devices AMD-766AC Datasheet HTML 90Page - Advanced Micro Devices AMD-766AC Datasheet HTML 91Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 96 page
background image
Preliminary Information
23167B – March 2001
AMD-766
TM Peripheral Bus Controller Data Sheet
87
PMEC: SMBus Host-As-Slave Device Address Register
IO mapped (base pointer: C3A58); offset: ED-ECh. Default: 0000h. Read only.
This register resides on the VDD_AUX power plane.
15:8
7:1
0
HSLV10DA
HSLVDA
SNPLSB
SNPLSB. Snoop command LSB. If the SMBus cycle address matches PMEF, then the cycle is assumed to be a write
word. The LSB of the command field for the cycle is placed in this bit (and the other 7 bits are placed in HSLVDA).
HSLVDA. Host-as-slave device address. When the SMBus logic determines that the current SMBus cycle is
directed to the host’s slave logic (because the address matches PMEE), then the device address transmitted to the IC
during the command phase of the cycle is latched in this register. Also, if the SMBus address matches the snoop
address in PMEF, then the cycle is assumed to be a write word and bits[7:1] of the command field for the cycle are
placed in this field.
HSLV10DA. Host-as-slave 10-bit device address LSBs. This field stores the second byte of the device address used
in 10-bit SMBus transfers to the host as a slave. If HSLVDA == 1111_0xxb, then the cycle is specified to transmit a
10-bit device address to the host-as-slave logic and the second byte of that device address is stored in this field. If
HSLVDA is any other value, then HSLV10BA is not utilized.
PMEE: SMBus Host-As-Slave Host Address Register
IO mapped (base pointer: C3A58); offset: EEh. Default: 10h. Read-write.
This register resides on the VDD_AUX power plane.
7:1
0
HSLVADDR
Reserved
HSLVADDR. Host-as-slave address. The SMBus logic compares the address generated by masters over the SMBus
to this field to determine if there is a match (also, for a match to occur, the read-write bit is required to specify a write
command). If a match occurs, then the cycle is assumed to be a write word command to the host, with the slave’s
device address transmitted during the normal command phase. The device address is captured in PMEC and the data
is capture in PMEA for the cycle. After the cycle is complete, PME0[HSLV_STS] is set.
PMEF: SMBus Snoop Address Register
IO mapped (base pointer: C3A58); offset: EFh. Default: 10h. Read-write.
This register resides on the VDD_AUX power plane.
7:1
0
SNPADDR
Reserved
SNPADDR. Snoop address. The SMBus logic compares the address generated by masters over the SMBus to this
field to determine if there is a match (regardless as to whether it is a read or a write). If there is a match, then
PME0[SNP_STS] is set after the cycle completes. If the address specified here matches PMEE, then
PME0[SNP_STS] is not set.
PM[F5:F4]: General-Purpose IO Pins GPIO[21:20] Select Registers
See PMC0 for definitions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com