Electronic Components Datasheet Search
  English  ▼

X  

AMD-766AC Datasheet(PDF) 61 Page - Advanced Micro Devices

Part # AMD-766AC
Description  Peripheral Bus Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-766AC Datasheet(HTML) 61 Page - Advanced Micro Devices

Back Button AMD-766AC Datasheet HTML 57Page - Advanced Micro Devices AMD-766AC Datasheet HTML 58Page - Advanced Micro Devices AMD-766AC Datasheet HTML 59Page - Advanced Micro Devices AMD-766AC Datasheet HTML 60Page - Advanced Micro Devices AMD-766AC Datasheet HTML 61Page - Advanced Micro Devices AMD-766AC Datasheet HTML 62Page - Advanced Micro Devices AMD-766AC Datasheet HTML 63Page - Advanced Micro Devices AMD-766AC Datasheet HTML 64Page - Advanced Micro Devices AMD-766AC Datasheet HTML 65Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 96 page
background image
Preliminary Information
23167B – March 2001
AMD-766
TM Peripheral Bus Controller Data Sheet
61
CS0MEM. PNPCS0# memory space selection. 1=PNPCS0# is asserted during accesses to the memory addresses
specified by programmable memory range monitor 1 (C3AD0 and C3AD8) and PCI accesses to this range are
claimed by the IC and routed to the ISA bus. If the PNPCS0# function is not selected by PMF6, then this bit has no
effect.
CS1IO. PNPCS1# IO space selection. 1=PNPCS1# is asserted during accesses to the IO addresses specified by
programmable IO range monitor 4 (C3A46[CS1UBM], C3AC8, and C3ACC) and PCI accesses to this range are
claimed by the IC and routed to the ISA bus. If the PNPCS1# function is not selected by PMF7, then this bit has no
effect.
CS1MEM. PNPCS1# memory space selection. 1=PNPCS1# is asserted during accesses to the memory addresses
specified by programmable memory range monitor 2 (C3AD4 and C3AD8 and PCI) and PCI accesses to this range
are claimed by the IC and routed to the ISA bus. If the PNPCS1# function is not selected by PMF7, then this bit has
no effect.
IRQ12_SEL. Pin definition select for IRQ12. This field is encoded as follows:
IRQ12_SEL Function for IRQ12 pin
00b
IRQ12
01b
No function (pin disabled such that interrupt request 12 to the PIC may be controlled by the mouse
interrupt, EKIRQ12, or serial IRQ12)
10b
SMBALERT# input to the system management logic
11b
USBOC1#, USB over current 1, to the USB controller
See section 4.3.4.1 for details about routing interrupts to the PIC.
CS0UBM. PNPCS0# upper bit mask. 1=Bits[10:8] of the IO address are masked from the PNPCS0# decode for IO
cycles. 0=Masking for PNPCS0# is only available for the eight LSBs, as specified by C3ACC[MASKIO3].
CS1UBM. PNPCS1# upper bit mask. 1=Bits[10:8] of the IO address are masked from the PNPCS1# decode for IO
cycles. 0=Masking for PNPCS1# is only available for the eight LSBs, as specified by C3ACC[MASKIO4].
C3A48: Pins Latched On The Trailing Edge Of Reset Register
Configuration space; function 3; offset: 49-48h. Default: 00??_?000_00?0_?00?b, where ?’s indicate bits that are
latched on the trailing edge of reset.
The default for some of these bits is specified by pull up or pull down resistors on pins during the trailing edge of the
specified reset (PWRGD). To latch a low from these pins, a 10K to 100K ohm resistor to ground is placed on the
signal. To latch a high from these pins, a 10K to 100K ohm resistor to the pin’s power plane is placed on the signal.
The resistors enabled by ENIDE, ENPCI, and ENISA are nominally 5K ohms. The default state of these bits are
specified by the state of the SPKR pin during reset. A pull-up resistor on SPKR causes these bits to default to high
and a pull-down resistor causes these bits to default to low.
15
14
13
12
11
10
9
8
Reserved
Reserved
ENIDE
ENPCI
ENISA
Reserved
Reserved
Reserved
76
54
3:2
1
0
Reserved
Reserved
MBH
Reserved
MBL
Reserved
ISABIOS
ISABIOS. Direct BIOS accesses to the ISA bus versus the LPC bus. Read only. This reflects the state of the
ISABIOS pin. 1=ROM accesses as specified by C0A43 are routed to the ISA bus. 0=ROM accesses as specified by
C0A43 are routed to the LPC bus.
MBL. Must be low. Read-write. These bits are required to be low at all times; otherwise undefined behavior will
result. The default state of bit[3] is latched off the ROM_KBCS# pin during PWRGD reset (so a pull-down resistor
is required).
MBH. Must be high. Read-write. This bit is required to be high at all times; otherwise undefined behavior will
result. The default state of bit[3] is latched off the IOCHRDY pin during PWRGD reset (so a pull-up resistor is
required).
ENISA. Enable ISA pull-up/down resistors. Read-write. 1=The internal pull-up and pull-down resistors for the ISA
bus signals are enabled. This includes pull-ups on IOCHRDY, IOCHK#, IRQ[15,14,11:9,7:3], and SD[7:0].
0=Disable internal ISA bus resisters. The default state of this bit is latched off the SPKR pin during PWRGD reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com