Electronic Components Datasheet Search
  English  ▼

X  

AMD-766AC Datasheet(PDF) 85 Page - Advanced Micro Devices

Part # AMD-766AC
Description  Peripheral Bus Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-766AC Datasheet(HTML) 85 Page - Advanced Micro Devices

Back Button AMD-766AC Datasheet HTML 81Page - Advanced Micro Devices AMD-766AC Datasheet HTML 82Page - Advanced Micro Devices AMD-766AC Datasheet HTML 83Page - Advanced Micro Devices AMD-766AC Datasheet HTML 84Page - Advanced Micro Devices AMD-766AC Datasheet HTML 85Page - Advanced Micro Devices AMD-766AC Datasheet HTML 86Page - Advanced Micro Devices AMD-766AC Datasheet HTML 87Page - Advanced Micro Devices AMD-766AC Datasheet HTML 88Page - Advanced Micro Devices AMD-766AC Datasheet HTML 89Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 96 page
background image
Preliminary Information
23167B – March 2001
AMD-766
TM Peripheral Bus Controller Data Sheet
85
occurs after the address match occurs and before the last acknowledge, then this bit is not set. This bit resides on the
VDD_AUX power plane.
HSLV_STS. Host-as-slave address match status. Read; set by hardware; write 1 to clear. 1=An SMBus master
(including the host controller) generated an SMBus write cycle with a 7-bit address that matched the one specified by
PMEE. This bit is not set until the end of the acknowledge bit after the last byte is transferred over the SMBus cycle;
if a time out occurs after the address match occurs and before last acknowledge, then this bit is not set. This bit
resides on the VDD_AUX power plane.
SMBA_STS. SMBALERT# interrupt status. Read; set by hardware; write 1 to clear. 1=SMBALERT# was
asserted. This bit may not be set unless the SMBALERT# function is selected by C3A46[10:9].
SMB_BSY. SMBus busy. Read only. 1=The SMBus is currently busy with a cycle generated by either the host or
another SMBus master.
PME2: SMBus Global Control Register
IO mapped (base pointer: C3A58); offset: E3-E2h. Default: 00h.
The _EN bits of this register work in conjunction with the _STS bits in PME0 to generate SCI or SMI interrupts
(based on the state of PM04[SCI_EN]).
15
14
13
12
11
10
9
8
Reserved
Reserved
Reserved
Reserved
Reserved
SMBA_EN
HSLV_EN
SNP_EN
765
432:0
Reserved
Reserved
ABORT
HCYC_EN
HOSTST
CYCTYPE
CYCTYPE. Host-generated SMBus cycle type. Read-write. This field specifies the type of SMBus cycle that is
generated when it is initiated by the HOSTST command. It is encoded as follows (for each of the registers, the slave
address is specified by PME4[7:1] and “receive” or “read” versus “send” or “write” is specified by PME4[0]):
CYCTYPE SMBus Cycle Type Registers
000b
Quick command
Data bit in PME4[0]
001b
Receive or send byte Data in PME6[7:0]. If the address in PME4 is 0001_1001b and data received
is 111_0xxxb, then another byte is received in PME6[15:8]; see the
SMBALERT description in the system management section of this document.
010b
Read or write byte
Command in PME8; data in PME6[7:0]
011b
Read or write word
Command in PME8; data in PME6[15:0]
100b
Process call
Command in PME8; write data is placed in PME6[15:0]; then this data is
replaced with the read data in the second half of the command
101b
Read or write block
Command in PME8; count data in PME6[5:0]; block data in the PME9 FIFO
11xb
Reserved
HOSTST. Host start command. Write 1 only. 1=The SMBus host logic initiates the SMBus cycle specified by
CYCTYPE. Writes to this field are ignored while PME0[HST_BSY] is active.
HCYC_EN. Enable host SMBus controller SMI or SCI interrupt. Read-write. 1=The SMBus host controller status
bits, PME0[TO_STS, HCYC_STS, PRERR_STS, COL_STS, ABRT_STS], are enabled to generate SMI or SCI
interrupts. 0=No interrupts are generated when these bits are set.
ABORT. Abort current host transfer command. Write 1 only. 1=The SMBus logic generates a stop event on the
SMBus pins as soon as possible. After the stop event completes, PME0[ABRT_STS] is set high.
SNP_EN. Snoop address match interrupt enable. Read-write. 1=Enables an SMI or SCI interrupt when
PME0[SNP_STS] is set. 0=No interrupts are generated when this bit is set. This bit resides on the VDD_AUX
power plane.
HSLV_EN. Host-as-slave address match interrupt enable. Read-write. 1=Enables an SMI or SCI interrupt when
PME0[HSLV_STS] is set. 0=No interrupts are generated when this bit is set. This bit resides on the VDD_AUX
power plane.
SMBA_EN. SMBALERT# interrupt enable. Read-write. 1=Enables an SMI or SCI interrupt when
PME0[SMBA_STS] is set. 0=No interrupts are generated when this bit is set. This bit has no effect unless the
SMBALERT# function is selected by C3A46[10:9].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com