Electronic Components Datasheet Search
  English  ▼

X  

AMD-766AC Datasheet(PDF) 79 Page - Advanced Micro Devices

Part # AMD-766AC
Description  Peripheral Bus Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-766AC Datasheet(HTML) 79 Page - Advanced Micro Devices

Back Button AMD-766AC Datasheet HTML 75Page - Advanced Micro Devices AMD-766AC Datasheet HTML 76Page - Advanced Micro Devices AMD-766AC Datasheet HTML 77Page - Advanced Micro Devices AMD-766AC Datasheet HTML 78Page - Advanced Micro Devices AMD-766AC Datasheet HTML 79Page - Advanced Micro Devices AMD-766AC Datasheet HTML 80Page - Advanced Micro Devices AMD-766AC Datasheet HTML 81Page - Advanced Micro Devices AMD-766AC Datasheet HTML 82Page - Advanced Micro Devices AMD-766AC Datasheet HTML 83Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 96 page
background image
Preliminary Information
23167B – March 2001
AMD-766
TM Peripheral Bus Controller Data Sheet
79
PM[B0:A8]: Trap Registers
The following table provides the hardware events associated with the status, interrupt enable, and system inactivity
timer reload events associated with these registers:
Bit
Hardware reload trigger
Address specification
Notes
0
Access to the master primary IDE drive.
IO space 1F0-1F7h, 3F6h
1
1
Access to the slave primary IDE drive.
IO space 1F0-1F7h, 3F6h
1
2
Access to the master secondary IDE drive.
IO space 170-177h, 376h
2
3
Access to the slave secondary IDE drive.
IO space 170-177h, 376h
2
4
Access to the primary or secondary floppy disk controllers. IO space 3F0-3F5h, 3F7h, 370-375h,
377h fixed
5
Access to the parallel ports.
IO space 378-37Fh, 278-27Fh, 3BC-
3BFh
6
Access to serial port COMA.
C3AA0, C3AA4
7
Access to serial port COMB.
8
Access to the audio hardware.
C3AA8, C3AAC, C3AB0
9
Access to the video adapter.
IO space 3B0-3DFh; memory space
0A0000-0BFFFFh
10
Access to the legacy keyboard and mouse ports.
IO space 60h, 64h
11
Access to PCMCIA slot 1.
C3AB4, C3AB8, C3ABC, C3AC0
12
Access to PCMCIA slot 2.
13
USB controller activity.
Any USB controller DMA activity.
14
Access to programmable IO range monitor 1.
C3AC4, C3AC8, C3ACC
15
Access to programmable IO range monitor 2.
16
Access to programmable IO range monitor 3.
17
Access to programmable IO range monitor 4.
18
Access to programmable memory range monitor 1.
C3AD0, C3AD4, C3AD8
19
Access to programmable memory range monitor 2.
Note 1: The IDE register at IO address PORT1F6[4], specifies whether the access is to the master or slave primary
drive; this decoding is as follows: 0=master and 1=slave. Also, when the primary port is in native mode, then the
address is specified by C1A10 and C1A14 (not the fixed addresses shown).
Note 2: The IDE register at IO address PORT176[4], specifies whether the access is to the master or slave secondary
drive; this decoding is as follows: 0=master and 1=slave. Also, when the secondary port is in native mode, then the
address is specified by C1A18 and C1A1C (not the fixed addresses shown).
PMA8: Hardware Trap Status Register
IO mapped (base pointer: C3A58); offset: AB-A8h. Default: 0000_0000h. Read; set by hardware; write 1 to clear.
Each of these status bits is controlled by hardware trap events described above in PM[B0:A8]. If the trap occurs, then
the status bit is set. If a status bit and corresponding enable bit in PMAC are both high, ACPI interrupts occur.
31:20
19:0
Reserved
Status bits
Bit[0] DPM_TRP_STS. IDE primary master port access trap status.
Bit[1] DPS_TRP_STS. IDE primary slave port access trap status.
Bit[2] DSM_TRP_STS. IDE secondary master port access trap status.
Bit[3] DSS_TRP_STS. IDE secondary slave port access trap status.
Bit[4] FDD_TRP_STS. Floppy disk drive access trap status.
Bit[5] LPT_TRP_STS. Parallel port (LPT) access trap status.
Bit[6] CMA_TRP_STS. Serial port A (COM A) access trap status.
Bit[7] CMB_TRP_STS. Serial port B (COM B) access trap status.
Bit[8] AUD_TRP_STS. Audio functions access trap status.
Bit[9] VID_TRP_STS. Video functions access trap status.
Bit[10] KBM_TRP_STS. Keyboard and mouse access trap status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com