Electronic Components Datasheet Search
  English  ▼

X  

AMD-766AC Datasheet(PDF) 86 Page - Advanced Micro Devices

Part # AMD-766AC
Description  Peripheral Bus Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-766AC Datasheet(HTML) 86 Page - Advanced Micro Devices

Back Button AMD-766AC Datasheet HTML 82Page - Advanced Micro Devices AMD-766AC Datasheet HTML 83Page - Advanced Micro Devices AMD-766AC Datasheet HTML 84Page - Advanced Micro Devices AMD-766AC Datasheet HTML 85Page - Advanced Micro Devices AMD-766AC Datasheet HTML 86Page - Advanced Micro Devices AMD-766AC Datasheet HTML 87Page - Advanced Micro Devices AMD-766AC Datasheet HTML 88Page - Advanced Micro Devices AMD-766AC Datasheet HTML 89Page - Advanced Micro Devices AMD-766AC Datasheet HTML 90Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 96 page
background image
Preliminary Information
23167B – March 2001
AMD-766
TM Peripheral Bus Controller Data Sheet
86
PME4: SMBus Host Address Register
IO mapped (base pointer: C3A58); offset: E5-E4h. Default: 0000h. Read-write.
15:8
7:1
0
HST10BA
HSTADDR
READCYC
READCYC. Host read (high) write (low) cycle. 1=Specifies that the cycle generated by a write to PM02[HOSTST]
is a read or receive command. 0=Cycle is a write or send command.
HSTADDR. Host cycle address. This specifies the 7-bit address to the SMBus generated by the host (as a master)
during SMBus cycles that are initiated by PME02[HOSTST].
HST10BA. Host 10-bit address LSBs. This field stores the second byte of the address, used in 10-bit SMBus host-
as-master transfers. If HSTADDR == 1111_0xxb, then the cycle is specified to use 10-bit addressing. If HSTADDR
is any other value, then HST10BA is not utilized.
PME6: SMBus Host Data Register
IO mapped (base pointer: C3A58); offset: E7-E6h. Default: 0000h. Read-write.
15:0
HSTDATA
HSTDATA. Host cycle data. This register is written to by software to specify the data to be passed to the SMBus
during write and send cycles. It is read by software to specify the data passed to host controller by the SMBus during
read and receive cycles. Bit[0] specifies the data written or read during the quick command cycle. Bits[7:0] specify
the data for byte read and write cycles, send byte cycles, and receive byte cycles. Bits[15:0] are used for word read
and write cycles and process calls. Bits[5:0] are used to specify the count for block read and write cycles.
PME8: SMBus Host Command Field Register
IO mapped (base pointer: C3A58); offset: E8h. Default: 00h. Read-write.
7:0
HSTCMD
HSTCMD. Host cycle command. This specifies the command field passed to the SMBus by the host controller
during read byte, write byte, read word, write word, process call, block read, and block write cycles. Host cycles are
initiated by PME2[HOSTST].
PME9: SMBus Host Block Data FIFO Access Port
IO mapped (base pointer: C3A58); offset: E9h. Default: 00h.
7:0
HSTFIFO
HSTFIFO. Host block read-write FIFO. For block write commands, software writes 1 to 32 bytes into this port
before sending them to the SMBus via the PME2[HOSTST] command. For block read commands, software read 1 to
32 bytes from this port after the block read cycle is complete. If, during a block read or write, an error occurs, then
the FIFO is flushed by the hardware. Read and write accesses to this port while the host is busy (PME0[HST_BSY])
are ignored.
PMEA: SMBus Host-As-Slave Data Register
IO mapped (base pointer: C3A58); offset: EB-EAh. Default: 0000h. Read only.
This register resides on the VDD_AUX power plane.
15:0
HSLVDATA
HSLVDATA. Host-as-slave data. When the SMBus logic determines that the current SMBus cycle is directed to the
host’s slave logic (because the address matches PMEE), then the data targeted to the IC during the cycle is latched in
this register. Also, if the address matches the snoop address in PMEF, then the cycle is assumed to be a write word
and the data is stored in this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com